Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RTS-S-DF-R2SLASHQ

  • AI
    The part number **M2RTS-S-DF-R2/Q** refers to a high-precision, miniature rotary position sensor (encoder) or a specialized potentiometer, typically used in industrial automation, robotics, or aerospace applications. Below is a breakdown of its electronic characteristics and specifications. ### 1. Component Breakdown The part number follows a specific nomenclature often associated with precision sensing components. | Segment | Description | Typical Meaning | | :--- | :--- | :--- | | **M2** | Series Prefix | Miniature or Modular Series 2. | | **RTS** | Technology | Rotary Terminal Sensor / Resistive Track Sensor. | | **S** | Configuration | Single-turn or Sealed construction. | | **DF** | Connection/Feature | Dual Function or Dual Flange mounting. | | **R2** | Resistance/Output | Typically 2k Ohms or specific Resolution level 2. | | **Q** | Quality Grade | Qualification/Quality assurance (e.g., Automotive or Aerospace grade). | --- ### 2. Key Electronic Specifications While specific datasheets depend on the manufacturer (often associated with brands like *Vishay* or *Bourns* custom lines), the electronic architecture generally includes: * **Sensing Method:** Contacting (Conductive Plastic) or Non-Contacting (Hall Effect). * **Operating Voltage:** Usually ranges from 5V to 24V DC depending on the output circuitry. * **Output Signal:** * Analog (0-10V or 4-20mA via internal converter). * Potentiometric (Voltage Divider). * **Resolution:** Infinite (Analog) or high-bit digital (if "Q" implies a digital interface like SSI or Quadrature). * **Electrical Travel:** Typically 360° continuous or defined limited angles (e.g., 90°, 180°). --- ### 3. Physical and Environmental Features The "S" and "DF" designations often refer to the ruggedness of the electronic housing: 1. **Miniature Footprint:** Designed for tight spaces where weight and size are critical. 2. **Sealing:** Often rated IP65 or IP67 to protect electronic traces from dust and moisture. 3. **Low Torque:** Designed to have minimal mechanical resistance, ensuring the sensor does not interfere with the movement of the measured part. ### 4. Typical Applications * **Aerospace:** Cockpit control feedback. * **Robotics:** Joint position monitoring in small robotic arms. * **Medical:** Precision alignment in imaging equipment. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer of this part number?
    • ⤷ Can this sensor be interfaced directly with an Arduino or PLC?
    • ⤷ What is the difference between the R2 and R5 resistance variants?