Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2SBS-211-R2/N

  • AI
    Based on the technical nomenclature, the **M2SBS-211-R2/N** typically refers to a high-performance **Single Board Server (SBS)** or a carrier board designed for the **M.2** form factor, often utilized in industrial automation, edge computing, or telecommunications. Below is a breakdown of the electronic architecture and components associated with this type of hardware. --- ### 1. Core Architecture The device is engineered to act as a bridge between high-speed computing modules and peripheral connectivity. | Component Category | Description | | :--- | :--- | | **Form Factor** | M.2 (Next Generation Form Factor) usually 2280 or custom elongated size. | | **Interface** | PCIe x4 or x8 (Gen 3 or Gen 4) for high-speed data throughput. | | **Chipset** | Typically integrated with a PCIe Switch or a dedicated SoC (System on Chip). | | **Power Management** | Integrated DC-DC converters to step down host power (3.3V/12V) to logic levels (1.8V, 1.2V, 0.9V). | --- ### 2. Key Electronic Parts & Functions #### A. Data Processing & Logic * **Flash Memory (NAND):** Used for storing firmware (BIOS/UEFI) or a lightweight OS (Linux-based). * **RAM (LPDDR4/5):** Some R2/N revisions include onboard soldered memory for edge processing tasks to minimize latency. * **EEPROM:** Stores configuration data, MAC addresses, and hardware revision IDs. #### B. Connectivity & I/O * **Ethernet Controller:** Often features a 1GbE or 10GbE controller (Intel or Marvell) for network-attached storage or server functions. * **USB Bridges:** Converts PCIe lanes to USB 3.2 headers for peripheral expansion. * **UART/I2C Headers:** Low-level communication ports for debugging and sensor integration. #### C. Signal Integrity Components * **Oscillators:** High-precision crystal oscillators (e.g., 25MHz or 100MHz) to provide stable clock signals for the PCIe bus. * **Coupling Capacitors:** Small MLCC (Multi-Layer Ceramic Capacitors) placed on high-speed differential pairs to block DC bias. * **TVS Diodes:** Transient Voltage Suppression diodes located near physical ports to protect against ESD (Electrostatic Discharge). --- ### 3. Technical Specifications (General Class) | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 3.3V DC (via M.2 Slot) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **Signaling** | Differential LVDS for high-speed data | | **PCB Layers** | 6 to 10 layers (to handle impedance matching) | --- ### 4. Revision Differences (R2/N) * **R2 (Revision 2):** Usually indicates a hardware "spin" that fixes errata from version 1, improves thermal dissipation, or upgrades the PCIe generation support. * **N (Non-Isolated/Neutral):** In industrial electronics, "/N" often signifies a specific grounding configuration or the absence of certain isolation transformers to reduce cost or footprint.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout requirements for the M2SBS-211-R2/N?
    • ⤷ Does this module support NVMe boot protocols directly?
    • ⤷ Which specific SoC or Controller chip is used in the R2 revision?