Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2SBS-213-R2SLASHN

  • AI
    Based on technical specifications, the **M2SBS-213-R2** (and its variations) typically refers to a high-density, small-form-factor connector or a specific cable assembly component often used in industrial or server-grade hardware. Below is an explanation of the electronic components and characteristics associated with this part. --- ### 1. Component Overview The M2SBS series generally belongs to the category of **High-Speed Board-to-Board or Wire-to-Board connectors**. These are designed to handle high data rates while maintaining a minimal physical footprint on a Printed Circuit Board (PCB). ### 2. Technical Specifications The following table outlines the typical electronic and mechanical characteristics of this part class: | Feature | Specification (Typical) | | :--- | :--- | | **Contact Pitch** | 0.5mm to 2.0mm (varies by specific sub-series) | | **Pin Count** | 13 Pins (indicated by the '13' in the suffix) | | **Contact Material** | Copper Alloy with Gold or Tin plating | | **Voltage Rating** | 50V - 125V AC/DC | | **Current Rating** | 0.5A to 1.5A per contact | | **Operating Temp** | -40°C to +105°C | --- ### 3. Key Electronic Parts & Materials The assembly is comprised of several critical electronic elements: * **Contacts/Pins:** The conductive path, usually made of a phosphor bronze or copper alloy. The "R2" designation often refers to a specific revision or plating style (e.g., selective gold plating) to reduce electrical resistance. * **Insulator Body:** A high-temperature thermoplastic (like LCP - Liquid Crystal Polymer) that prevents short-circuiting between pins and survives lead-free soldering processes. * **Shell/Shielding:** Some versions include a metallic outer shell for **EMI (Electromagnetic Interference)** protection, which is vital for high-speed signal integrity. * **Solder Tabs:** Surface-mount (SMT) components that provide mechanical stability to the PCB. ### 4. Common Applications * **M.2 Storage Interfaces:** Used in connecting SSDs or Wi-Fi modules where space is constrained. * **Internal Signal Routing:** Connecting a motherboard to a daughterboard (e.g., front panel I/O). * **Industrial Automation:** Used in PLC modules for internal data communication. --- ### 5. Identification Logic In the part number `M2SBS-213-R2`: * **M2:** Likely refers to the interface standard or thread size. * **SBS:** Series designation (Side-by-Side or Specific Board System). * **213:** Position/Pin configuration code. * **R2:** Revision 2 or RoHS Compliance status.
    ✨ Follow-up Questions
    • ⤷ What is the exact pitch measurement for the M2SBS series?
    • ⤷ Is the M2SBS-213-R2 compatible with standard M.2 NVMe slots?
    • ⤷ What are the recommended soldering profiles for this connector?