Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2SBS-B13-R2

  • AI
    The **M2SBS-B13-R2** is a specific SKU primarily associated with industrial-grade **M.2 SSD (Solid State Drive) Carriers or Bridge Boards**, often used in server chassis, high-performance computing nodes, or specialized storage arrays. Below is a breakdown of the electronic architecture and functional components typically found in this part. --- ## 1. Core Technical Specifications The M2SBS-B13-R2 functions as an interface bridge between an M.2 NVMe/SATA storage module and a host backplane. | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 to Custom Bridge / Hot-swap Carrier | | **Interface Support** | PCIe Gen3/Gen4 x4 (NVMe) & SATA III | | **Connector Type** | M-Key M.2 Slot | | **Host Connector** | High-density gold finger or proprietary mezzanine connector | | **Material** | High-TG PCB for thermal stability | --- ## 2. Key Electronic Components This board is more than just a physical adapter; it contains active and passive circuitry to ensure data integrity and power stability. ### A. Power Management Integrated Circuits (PMIC) * **Voltage Regulation:** Since M.2 drives require a stable **3.3V** supply, the board often includes LDO (Low Dropout) regulators or buck converters to step down power from the host backplane (often 12V or 5V). * **In-rush Current Protection:** Includes capacitors and MOSFETs to prevent power surges when the drive is hot-plugged into a live system. ### B. Signal Conditioning * **Re-drivers/Repeaters:** To maintain high-speed signal integrity over the physical distance from the motherboard to the drive, the R2 revision often includes re-driver chips to minimize "jitter" and signal loss in PCIe Gen4 lanes. * **Coupling Capacitors:** Small surface-mount capacitors used to filter DC bias from high-speed differential data lines. ### C. Monitoring & Logic * **SMBus/I2C Interface:** Allows the host system to read thermal data (S.M.A.R.T. attributes) and drive health directly from the carrier. * **LED Logic:** Integrated circuitry to drive "Status" and "Activity" LEDs, usually triggered by the M.2 pin 39 (Activity signal). --- ## 3. Physical Layout and Connectivity The "R2" designation usually implies a second hardware revision, often improving thermal dissipation or electrical shielding compared to the R1. 1. **M.2 Socket:** Heavy-duty connector rated for multiple insertion cycles. 2. **Thermal Pad Area:** A dedicated copper pour or attachment point for a heatsink to dissipate heat from the SSD controller. 3. **Mounting Points:** Precise screw holes for securing the M.2 drive (2280 or 22110 lengths). --- ## 4. Typical Application Diagram ```text [ Host Backplane ] <--> [ M2SBS-B13-R2 Bridge ] <--> [ M.2 NVMe SSD ] ^ | ^ 12V Power Signal Re-conditioning 3.3V Power ```
    ✨ Follow-up Questions
    • ⤷ What are the specific server models compatible with the M2SBS-B13-R2?
    • ⤷ Does this part support PCIe Gen4 or is it limited to Gen3 speeds?
    • ⤷ How does the R2 revision differ from the original R1 version electrically?