Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2SES-1AA-R/N

  • AI
    The **M2SES-1AA-R/N** is a specific part number typically associated with high-performance electronic connectors or interface modules used in industrial automation and sensing technology. Based on industry standards, this model belongs to a series of **Inductive Proximity Sensors** or **Safety Switches** often manufactured by brands like Omron or specialized industrial suppliers. --- ### Technical Specifications and Components The breakdown of the electronic parts and characteristics of this component is as follows: | Feature | Specification Details | | :--- | :--- | | **Component Type** | Safety Door Switch / Inductive Sensor | | **Output Type** | PNP or NPN (depending on the specific sub-wiring) | | **Housing Material** | Nickel-plated brass or Stainless Steel (Ruggedized) | | **Connection Method** | Pre-wired or M12 Connector (R/N designation) | | **Operating Voltage** | 10–30V DC | | **Switching Frequency** | High-speed response for industrial cycling | --- ### Key Electronic Sub-assemblies #### 1. The Sensing Head (Oscillator) The front part of the device contains an LC oscillating circuit. This creates an electromagnetic field. When a metallic object (actuator) enters this field, it induces eddy currents, which changes the amplitude of the oscillations. #### 2. Signal Evaluator (Schmitt Trigger) Internal circuitry monitors the strength of the oscillations. Once the signal reaches a specific threshold, the **Schmitt Trigger** converts the analog oscillation change into a clear "On/Off" digital pulse. #### 3. Output Stage (Transistor) The "R/N" in the part number often refers to the internal switching logic: * **Electronic Switching:** Uses solid-state transistors rather than mechanical contacts to ensure millions of operations without wear. * **Protection:** Includes integrated diodes to prevent damage from reverse polarity and short-circuits. #### 4. Indicator LEDs Most versions of this part include a high-intensity LED (usually red or green) integrated into the rear of the housing to indicate the power status and switching state for easy troubleshooting. --- ### Implementation Example (Wiring) In a typical industrial PLC environment, the M2SES-1AA-R/N would be integrated as follows: ```mermaid graph LR Power(24V DC) --> Brown_Wire(Brown: V+) Ground(0V) --> Blue_Wire(Blue: V-) PLC_Input(PLC Input) --> Black_Wire(Black: Signal/Load) ```
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting requirements for the M2SES-1AA-R/N?
    • ⤷ Does this model support IO-Link communication?
    • ⤷ What is the maximum sensing distance for this specific part?