Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2SES-1AC-R2/Q

  • AI
    The **M2SES-1AC-R2/Q** is a specialized electronic component, typically part of a signaling or automation system (often associated with industrial relay modules or interface converters). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary electronic parameters: | Parameter | Details | | :--- | :--- | | **Component Type** | Signal Conditioner / Relay Interface Module | | **Power Supply** | Usually 100–240V AC (Standard "1AC" designation) | | **Input Signal** | Variable (Current/Voltage depending on specific sub-coding) | | **Output Type** | Relay Contact (R2 indicates a specific relay configuration) | | **Response Time** | Typically ≤ 0.5 seconds | | **Mounting** | DIN Rail Mounting (Standard for industrial panels) | --- ### 2. Internal Electronic Structure The module is composed of several functional electronic stages: 1. **Input Isolation Stage:** * Uses **optocouplers** or **isolation transformers** to separate the input control circuit from the high-voltage output side. This prevents surges from damaging sensitive controllers (like PLCs). 2. **Signal Processing Circuit:** * Contains an **Analog-to-Digital Converter (ADC)** or a comparator circuit that evaluates if the input signal meets the threshold required to trigger the output. 3. **Output Switching (Relay):** * The "R2" designation identifies the **electromagnetic relay**. This mechanical part physically opens or closes a circuit to control motors, lamps, or valves. 4. **Power Supply Unit (PSU):** * An internal **AC-to-DC converter** (rectifier and regulator) that converts the mains AC input into low-voltage DC to power the internal logic. --- ### 3. Application Areas These parts are designed for high-reliability environments: * **Industrial Automation:** Translating low-voltage PLC signals into high-current switching. * **Signal Conversion:** Converting a 4-20mA sensor signal into a discrete On/Off state. * **Safety Isolation:** Protecting expensive computer systems from field-level electrical noise. --- ### 4. Designation Breakdown * **M2SES:** The series identifier (Signal Conditioners). * **1AC:** Power requirement (Single Phase Alternating Current). * **R2:** Relay output configuration (often indicating Dual Output or Form C contacts). * **Q:** Often denotes a specific quality standard, lead-free compliance, or a customized factory setting.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching voltage for the R2 relay contacts?
    • ⤷ How do I wire the M2SES-1AC-R2/Q to a PLC?
    • ⤷ What is the difference between the R2 and R1 versions of this part?