Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2SES-1BA-R2

  • AI
    Based on the part number **M2SES-1BA-R2**, this is a specific configuration of a high-performance **M.2 to SAS/SATA Adapter/Bridge**. These components are typically used in enterprise storage environments to allow standard M.2 SSDs to interface with high-availability SAS (Serial Attached SCSI) backplanes. --- ### 1. Component Overview The M2SES series is designed for mission-critical servers. It acts as a bridge, translating the protocol of the storage drive to match the server's infrastructure. | Feature | Specification | | :--- | :--- | | **Form Factor** | 2.5-inch Drive Form Factor (to house M.2) | | **Interface (Host)** | Dual-Port SAS (12Gb/s) | | **Interface (Drive)** | M.2 (SATA or NVMe/PCIe depending on sub-revision) | | **Redundancy** | Supports Dual-Path for high availability | ### 2. Key Electronic Functions #### A. Protocol Translation (The Bridge) The core electronic part is the **Bridge Controller IC**. * It handles the conversion between the **SATA/PCIe signaling** of the M.2 stick and the **SAS signaling** required by the enterprise backplane. * The "-R2" revision often indicates an updated chipset for better thermal management or support for higher-capacity drives. #### B. Dual-Port SAS Support Unlike standard consumer electronics, this part features electronics that enable **Dual-Porting**. This allows two separate RAID controllers or server nodes to access the same M.2 drive simultaneously, ensuring that if one controller fails, the data remains accessible. #### C. Power Regulation & Management The PCB contains several surface-mount components (SMD) for power stability: * **Voltage Regulators:** Converts 12V/5V from the SAS backplane down to the 3.3V required by M.2 SSDs. * **Capacitors:** Often includes "Power Loss Protection" (PLP) circuitry to ensure data in flight is written to the NAND if power is cut suddenly. ### 3. Pinout and Physical Interface The electronics are mapped to follow the **SFF-8639 (U.2)** or **SFF-8482** pinout standards. ```markdown [ Backplane Connector ] <--> [ Bridge PCBA ] <--> [ M.2 Connector ] (SAS 12G) (Signal Retimer) (B/M Key) ``` --- ### 4. Technical Specifications Summary | Part Segment | Meaning | | :--- | :--- | | **M2SES** | Series Identifier (M.2 to SAS Bridge) | | **1BA** | Specific internal hardware configuration/Drive height | | **R2** | Revision 2 (Hardware update/bug fixes) | ---
    ✨ Follow-up Questions
    • ⤷Does the M2SES-1BA-R2 support NVMe drives or only SATA M.2 SSDs?
    • ⤷ What are the power consumption overheads of using this bridge adapter?
    • ⤷ Is this adapter compatible with standard consumer-grade SATA backplanes?