Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2SES-1CA-R2

  • AI
    The **M2SES-1CA-R2** is a specialized electronic component, typically identified as a **high-precision, compact current sensor** or a specific module within industrial power electronics. It is frequently associated with brands like **TAMURA** or similar industrial magnetic component manufacturers. Below is a breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Technical Specifications The M2SES series is designed for sensing AC, DC, and pulse currents with high isolation. | Feature | Specification (Typical) | | :--- | :--- | | **Sensor Type** | Closed-loop (Fluxgate) or Hall Effect Current Sensor | | **Rated Current ($I_f$)** | Typically 50A to 100A (Model dependent) | | **Supply Voltage ($V_{cc}$)** | +5V DC (Unipolar) | | **Output Type** | Ratiometric Analog Voltage | | **Isolation Voltage** | 2.5kV to 3kV AC for 1 minute | | **Operating Temperature** | -40°C to +85°C | --- ## 2. Key Electronic Components & Internal Logic The "1CA" variant usually indicates a specific pinout and sensitivity configuration. ### A. Magnetic Circuit The device contains a high-permeability magnetic core that concentrates the magnetic field generated by the primary conductor (the wire carrying the current to be measured). ### B. Sensing Element * **Hall Effect IC:** Measures the magnetic flux density. * **Compensation Coil:** In closed-loop versions, this coil generates an opposing magnetic field to maintain "zero flux," ensuring high linearity and low offset. ### C. Signal Conditioning The internal circuitry includes: 1. **Differential Amplifier:** To boost the micro-volt signals from the sensing element. 2. **Reference Voltage ($V_{ref}$):** Provides a stable midpoint (usually 2.5V) so the sensor can measure both positive and negative current flow. 3. **Filter Circuit:** Reduces high-frequency noise from the power lines. --- ## 3. Pin Configuration & Application ### Standard Pinout Diagram Most M2SES modules utilize a 4-pin or 5-pin interface: 1. **+Vcc:** Positive Power Supply (+5V). 2. **GND:** 0V Reference. 3. **Vout:** Analog output signal proportional to the current. 4. **Vref:** Reference voltage output/input (for zero-current calibration). ### Common Applications * **Photovoltaic Inverters:** Monitoring DC string current or AC output. * **Variable Speed Drives:** Controlling motor torque via current feedback. * **Uninterruptible Power Supplies (UPS):** Battery charge/discharge monitoring. * **Welding Equipment:** High-speed current regulation. --- ## 4. Implementation Example (Microcontroller Interface) To read the M2SES-1CA-R2 using an Arduino or ESP32, you would use the following logic: ```cpp // Example: Converting Analog Voltage to Current float sensitivity = 0.040; // Example: 40mV per Ampere int sensorPin = A0; void setup() { Serial.begin(9600); } void loop() { int rawValue = analogRead(sensorPin); float voltage = (rawValue / 1023.0) * 5.0; // Assuming 5V system float current = (voltage - 2.5) / sensitivity; // Offset by Vref (2.5V) Serial.print("Current (A): "); Serial.println(current); delay(500); } ```
    ✨ Follow-up Questions
    • ⤷What is the exact sensitivity (mV/A) for the R2 version?
    • ⤷ Does this sensor require an external shunt resistor?
    • ⤷ What are the mounting differences between the R2 and the original R1 series?