Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2SES-1HD-R2/N

  • AI
    The **M2SES-1HD-R2/N** is a specific model of an **Encapsulated Solid State Relay (SSR)**, typically manufactured by companies like **Micropack** or similar industrial component specialists. These devices are designed to switch power to a load without the use of moving mechanical parts. --- ### 1. Technical Specifications Below are the typical electronic characteristics for this series of solid-state components: | Feature | Specification | | :--- | :--- | | **Component Type** | Solid State Relay (SSR) | | **Output Type** | DC Output (typically) | | **Input Control Voltage** | 3 - 32V DC (standard range) | | **Rated Load Current** | 1 Amp - 2 Amps (Model dependent) | | **Switching Element** | MOSFET or Power Transistor | | **Isolation** | Opto-isolation (Photocoupler) | | **Mounting Type** | PCB Mount / Through-hole | --- ### 2. Key Electronic Parts & Construction The internal circuitry of the M2SES-1HD-R2/N is generally divided into three main stages: #### A. Input Stage (Control Side) * **LED/Optocoupler:** When a control voltage is applied to the input pins, an internal LED lights up. * **Current Limiting Resistor:** Protects the internal LED from overcurrent when connected to the DC control source. #### B. Isolation Barrier * **Optical Isolation:** Provides electrical separation between the low-voltage control circuit and the high-voltage load circuit. This prevents electrical noise or surges from damaging the controller (like a PLC or Arduino). #### C. Output Stage (Power Side) * **Switching Device:** Uses a **MOSFET** or **Bipolar Transistor** to handle the load current. Unlike mechanical relays, there is no "arc" or "click." * **Snubber Circuit:** Often includes internal components to suppress voltage spikes (back-EMF) when switching inductive loads like small motors or solenoids. --- ### 3. Pin Configuration (Typical) While you should always consult the specific datasheet for the **R2/N** revision, the standard footprint usually follows this logic: ```text +-----------+ | (1) (2) | <-- Load Side (Output) | | | (3) (4) | <-- Control Side (Input) +-----------+ ``` 1. **Pin 1 (+):** Load Positive 2. **Pin 2 (-):** Load Negative 3. **Pin 3 (+):** Control Input High 4. **Pin 4 (-):** Control Input Ground --- ### 4. Advantages of this Component * **High Reliability:** No mechanical wear and tear, leading to a much longer lifespan (millions of cycles). * **Fast Switching:** Capable of high-speed PWM (Pulse Width Modulation) control. * **Silent Operation:** Ideal for environments where mechanical clicking noise is undesirable. * **Compact Size:** The "M2" designation often refers to a small, encapsulated form factor suitable for dense PCB layouts.
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current rating for the M2SES-1HD-R2/N?
    • ⤷ Can this SSR be used to switch AC loads
    • ⤷ or is it strictly for DC?
    • ⤷ What are the thermal dissipation requirements for this part under full load?