Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2SES-262-R/Q

  • AI
    The **M2SES-262-R/Q** is a high-precision, space-grade sensor component, typically identified as a **Solar Aspect Sensor** (or Solar Wing Sensor) manufactured by companies like **Adcole Space** (now Redwire). These sensors are critical for the Attitude Control Systems (ACS) of satellites. --- ### 1. General Specifications This specific part is designed to detect the angle of the sun relative to the spacecraft, providing telemetry data necessary for sun-pointing and solar array orientation. | Feature | Description | | :--- | :--- | | **Component Type** | Digital Solar Aspect Sensor (DSAS) | | **Grade** | Space-qualified (Radiation Hardened) | | **Input Type** | Optical (Solar Photons) | | **Output Type** | Gray Coded Digital Signal | | **Primary Use** | Satellite Attitude Determination & Control | --- ### 2. Core Electronic Architecture The electronics within the M2SES series are divided into optical reception and signal processing: #### A. The Optical Front-End * **Reticle/Slit:** A precision-etched quartz or metal mask that allows light to pass through in specific patterns. * **Photo-detector Array:** A silicon-based multi-element detector located behind the reticle. When sunlight passes through the slit, it illuminates specific segments of the detector. #### B. Signal Processing Logic * **Comparator Circuitry:** The analog signals from the photo-detectors are converted into binary states (0 or 1). * **Gray Code Encoding:** To prevent errors during state transitions, the sensor uses a Gray Code output. This ensures that only one bit changes at a time as the sun moves across the field of view. * **Redundancy (R/Q Suffix):** The "R/Q" designation often refers to specific screening levels or redundant internal wiring to ensure mission success in harsh vacuum environments. --- ### 3. Pinout and Interface Characteristics While exact pinouts are proprietary to the manufacturer's data sheet, the interface typically follows these standards: ```yaml Interface_Type: Parallel Digital Voltage_Range: +5V DC to +28V DC (depending on bus) Data_Bits: 8-bit to 12-bit resolution Connection: High-density D-Sub or Circular Space Connector ``` --- ### 4. Environmental & Reliability Factors Because this part is used in orbit, the electronics are designed to withstand: 1. **Total Ionizing Dose (TID):** Protection against long-term radiation exposure. 2. **Thermal Vacuum:** Operational capability from -40°C to +70°C in a vacuum. 3. **Outgassing:** Materials are chosen to prevent the release of gasses that could fog the optical lenses. ---
    ✨ Follow-up Questions
    • ⤷ What is the angular resolution of the M2SES-262 series?
    • ⤷ How does Gray Code improve the reliability of solar aspect sensors?
    • ⤷ Which satellite missions currently utilize Adcole solar sensors?