Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2SES-2AA-R/CE

  • AI
    The **M2SES-2AA-R/CE** is a safety-related electronic component, specifically a **Magnetically Actuated Safety Interlock Switch** manufactured by **IDEM Safety Switches**. Below is a detailed breakdown of its electronic and mechanical specifications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Housing Material** | 316 Stainless Steel (Mirror Polished) | | **Switching Type** | Magnetic / Non-Contact | | **Contact Configuration** | 2NC (Normally Closed) / 1NO (Normally Open) | | **Voltage Rating** | 24V DC (Standard) / Up to 230V AC | | **Switching Current** | Max 0.5A (NC) / 0.2A (NO) | | **Sensing Distance** | 10mm (ON) / 20mm (OFF) | | **Ingress Protection** | IP67 / IP69K (High-pressure washdown) | | **Connection Type** | Pre-wired (usually 2M, 5M, or 10M cable) | --- ### 2. Electronic Operating Principle The M2SES series uses **Reed Switch technology** combined with magnetic coded signals. * **Non-Contact Operation:** Unlike mechanical switches, there is no physical plunger. The internal electronic reeds are triggered when the magnetic actuator (sold separately or as a kit) comes within the specified sensing range. * **Redundancy (2NC):** It features dual Normally Closed contacts to ensure safety. If one contact fails, the safety relay can still detect a fault, preventing the machine from restarting (Safety Category 4 / PLe compliance). * **Auxiliary Monitoring (1NO):** The single Normally Open contact is typically used for PLC signaling to inform the control system that the guard is open, distinct from the safety circuit. --- ### 3. Application and Environment Because of its specific build ("R/CE" suffix and stainless steel body), this part is designed for: 1. **Hygiene-Critical Areas:** Food, beverage, and pharmaceutical processing where caustic washdowns occur. 2. **Misaligned Guards:** Since it is non-contact, it can handle a degree of physical misalignment that would break a standard mechanical key switch. 3. **Explosive/Harsh Environments:** The 316 Stainless Steel resists corrosion better than plastic or die-cast variants. --- ### 4. Wiring Diagram (Typical) ```text Safety Circuit 1: Black / White (NC) Safety Circuit 2: Red / Blue (NC) Monitoring: Green / Yellow (NO) ``` *(Note: Always verify the wire colors against the specific datasheet provided with the unit, as internal standards can vary by manufacturing batch).* ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the M2SES series?
    • ⤷ Does this switch require a specific safety relay for PLe compliance?
    • ⤷ What is the difference between the M2SES and the M2S series?