Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2SES-2AA-R2/

  • AI
    The **M2SES-2AA-R2** is a specialized electronic module, typically associated with industrial automation or specific sensing interfaces (often found in the context of load cell transmitters or signal converters). Below is a breakdown of its electronic characteristics and components. --- ### 1. Technical Specifications This module acts as an interface bridge between analog sensors and digital monitoring systems. | Feature | Specification | | :--- | :--- | | **Input Type** | Strain Gauge / Load Cell | | **Bridge Voltage** | Typically 2.5V or 5V DC | | **Output Type** | Dual Analog (Isolated) | | **Power Supply** | 24V DC (Common for R2 series) | | **Mounting** | DIN Rail (Standard Industrial) | | **Isolation** | 3-way isolation (Input, Output, Power) | --- ### 2. Core Electronic Components The internal circuitry of the M2SES-2AA-R2 is comprised of three primary stages: #### A. Signal Conditioning (Front-End) * **Instrumentation Amplifier:** High-precision op-amps used to amplify the millivolt (mV) signals from strain gauges. * **Filtering:** Low-pass RC filters to remove electromagnetic interference (EMI) from industrial environments. #### B. Isolation Stage * **Optocouplers or Transformers:** These provide galvanic isolation between the input sensor and the output PLC/Controller. This prevents ground loops and protects sensitive equipment from high-voltage surges. #### C. Output Stage * **D/A Converters:** Converts processed signals back to standard analog levels (e.g., 4-20mA or 0-10V). * **Voltage Regulators:** Low-dropout (LDO) regulators ensure stable excitation voltage to the sensors, which is critical for measurement accuracy. --- ### 3. Connection Interface The unit uses a standard terminal block layout for field wiring: 1. **Power Terminals:** Positive and Negative DC input. 2. **Input Terminals:** Excitation (+/-) and Signal (+/-) for the sensor bridge. 3. **Output Terminals:** Two independent channels for dual monitoring or redundancy. --- ### 4. Key Performance Benefits * **High Impedance:** Minimizes loading effects on the sensor. * **Stability:** Designed for low thermal drift in non-climate-controlled cabinets. * **Response Time:** Optimized for real-time weight or pressure monitoring.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for the M2SES-2AA-R2 excitation ports?
    • ⤷ How does the dual-output feature function in a redundant system?
    • ⤷ What is the maximum allowable distance for the sensor cable connected to this module?