Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2SES-2AA-R2/U

  • AI
    The **M2SES-2AA-R2/U** is a specialized electronic component, typically categorized as a **Magnetic Sensor / Proximity Switch**, often used in industrial automation for position sensing. This specific part number is associated with manufacturers like **Azbil (formerly Yamatake)**. --- ### 1. General Specifications This device is an **Actuator-Driven Magnetic Sensor**, designed to detect the presence or absence of a magnetic field or a specific actuator to trigger an electrical state change. | Feature | Description | | :--- | :--- | | **Type** | Magnetic Proximity Sensor / Safety Switch | | **Output Type** | Reed Switch or Solid State (model dependent) | | **Enclosure Rating** | Typically IP67 (Dust tight and water immersion resistant) | | **Connection** | Lead wire or Connector (U-suffix often denotes specific cabling) | | **Housing Material** | Robust plastic or non-corrosive metal | --- ### 2. Key Electronic Characteristics The electronics within the M2SES series are designed for high reliability in harsh environments. * **Non-Contact Sensing:** Uses magnetic induction to toggle the internal circuit, meaning there is no mechanical wear on the sensing head. * **Operating Voltage:** Generally operates within standard industrial ranges (e.g., 24V DC), though reed versions can sometimes handle AC/DC loads. * **Response Time:** Extremely fast switching (millisecond range), suitable for high-speed machinery monitoring. * **Hysteresis:** Built-in magnetic hysteresis to prevent "chattering" (rapid flickering) when the actuator is at the edge of the sensing range. --- ### 3. Pinout and Wiring (General Configuration) While you should always consult the specific datasheet for the `R2/U` revision, these sensors typically follow a standard industrial wiring color code: ```markdown 1. Brown --> Positive Supply (+V) 2. Blue --> Common/Negative (0V) 3. Black --> Output Signal (NO - Normally Open) 4. White --> Secondary Output (NC - Normally Closed, if applicable) ``` --- ### 4. Applications The M2SES-2AA-R2/U is primarily used in the following scenarios: 1. **Safety Interlocking:** Ensuring machine guards or doors are closed before a motor starts. 2. **Piston Position:** Detecting the end-of-stroke in pneumatic or hydraulic cylinders. 3. **Counting:** High-speed counting of metallic/magnetic parts on a conveyor belt. --- ### 5. Part Number Breakdown (Estimated) * **M2SES:** Series designation (Magnetic Safety/Electronic Sensor). * **2AA:** Sensing distance or specific internal logic configuration. * **R2:** Revision 2 or a specific cable length (e.g., 2 meters). * **U:** Often indicates a specific certification (like UL) or a specific connector termination.
    ✨ Follow-up Questions
    • ⤷ What is the maximum sensing distance for the M2SES-2AA-R2/U?
    • ⤷ Does this model use a Reed Switch or an NPN/PNP transistor output?
    • ⤷ What are the mounting requirements for this sensor to avoid magnetic interference?