Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2SES-2AD-R/Q

  • AI
    The **M2SES-2AD-R/Q** is a high-performance, rail-mounted signal transducer produced by **M-System**. This specific model is designed for isolation and conversion of analog signals, commonly used in industrial automation and process control systems. --- ### ## Technical Specifications Breakdown The model code describes its specific electronic characteristics and capabilities: | Component Code | Description | | :--- | :--- | | **M2SES** | Model series (Super-mini Signal Conditioners) | | **2AD** | **Input/Output Config:** 2-channel input, 2-channel output (Independent) | | **-R** | **Power Input:** 24V DC power supply | | **-Q** | **Option:** Conformal coating (often for moisture/corrosion resistance) | --- ### ### Core Electronic Components & Functions 1. **Isolation Circuitry:** The device provides **three-way isolation** (Input to Output to Power). This is achieved using opto-couplers or high-frequency transformers to prevent ground loops and protect sensitive PLC/DCS inputs from high-voltage surges on the field side. 2. **A/D and D/A Converters:** As a signal conditioner, it electronically samples the incoming analog voltage or current, digitizes it for processing/filtering, and converts it back to a clean analog signal for output. 3. **Signal Range Support:** It is typically designed for standard industrial signals: * **Inputs:** 4–20mA DC or 0–10V DC. * **Outputs:** Proportional 4–20mA DC or 0–10V DC signals. 4. **Housing & Terminal Block:** The electronics are housed in a "Super-mini" 29mm wide module designed for **DIN rail mounting**. It uses tension-clamp or screw terminals for field wiring. --- ### ### Key Electronic Features * **Dual Channel Independence:** Each channel is electronically isolated from the other, allowing two different signals to be processed in a single narrow housing. * **High Accuracy:** Usually maintains a linearity error of $\pm0.1\%$ and low temperature drift. * **Low Power Consumption:** Optimized for 24V DC environments to minimize heat dissipation within electrical cabinets. * **Response Time:** Features rapid electronic response (typically $\leq 0.5$ seconds) suitable for real-time monitoring. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for the M2SES-2AD-R/Q?
    • ⤷ How does the conformal coating (-Q option) improve the lifespan of the device?
    • ⤷ Can the input and output ranges be field-configured via DIP switches?