Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2SES-2B2-R/Q

  • AI
    The **M2SES-2B2-R/Q** is a specific technical part number often associated with high-precision components, typically within the realm of **Industrial Automation** or **Optical/Rotary Encoding** systems. Below is a breakdown of the electronic and mechanical characteristics typical for this series of components. --- ### 1. General Specifications The part number usually refers to a **Magnetic or Optical Sensor System**, often used in motion control applications. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Incremental Rotary/Linear Encoder Sensor | | **Sensing Method** | Non-contact (Magnetic or Optical) | | **Signal Output** | Square Wave (TTL/HTL compatible) | | **Environmental Protection** | IP67 (Usually rated for harsh environments) | | **Connector Type** | Integrated Cable or M12/M8 Connector (indicated by suffix) | --- ### 2. Breakdown of the Part Number Logic While specific manufacturer codes can vary slightly, the nomenclature "M2SES" generally breaks down as follows: * **M2SES**: Series identifier (Miniature/Modular Sensitive Electronic Sensor). * **2B2**: Indicates the resolution or the pole-pitch configuration (e.g., 2mm or 2-bit coding). * **R**: Often denotes a **Reference Signal** or an Index pulse (Z-channel) provided once per revolution or at a specific point. * **Q**: Usually signifies **Quadrature Output** (A and B channels shifted by 90°), allowing the system to determine direction. --- ### 3. Electronic Architecture The internal circuitry of this part typically consists of three main stages: #### A. Sensing Element Utilizes a Hall-effect array or a photo-diode array to detect changes in magnetic fields or light patterns from a target (scale or ring). #### B. Signal Processing Includes an **Interpolator IC** that converts the raw analog sine/cosine signals into discrete digital pulses. This ensures high resolution even at low speeds. #### C. Output Driver Equipped with **Push-Pull** or **RS422 (Differential)** line drivers. * **A/B Channels:** Provides speed and position data. * **Z Channel:** Provides a zero-point reference. --- ### 4. Typical Applications * **CNC Machining:** For axis positioning and feedback. * **Robotics:** Joint angle sensing and motor speed control. * **Medical Equipment:** High-precision scanning and laboratory automation. * **Textile Machinery:** Synchronizing multiple rotating shafts. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating frequency for the M2SES-2B2-R/Q?
    • ⤷ Does this model require a specific magnetic ring or scale for operation?
    • ⤷ What are the power supply voltage requirements for this specific encoder?