Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2SES-2C3-R2/CE

  • AI
    The **M2SES-2C3-R2/CE** is a specific model of a plug-in type **Signal Conditioner (Isolator)** manufactured by **M-System**. It is primarily used in industrial automation to provide galvanic isolation between an input signal and an output signal to prevent ground loops and protect sensitive equipment. --- ## 1. Technical Specifications Below are the core electronic characteristics of this specific model: | Feature | Specification | | :--- | :--- | | **Input Signal** | 4 – 20 mA DC | | **Output 1 Signal** | 4 – 20 mA DC | | **Output 2 Signal** | 4 – 20 mA DC | | **Power Input** | 100 – 240V AC | | **Isolation** | 3-Way (Input to Output to Power) | | **Accuracy** | ±0.1% of span | | **Response Time** | ≤ 0.5 seconds (0 to 90%) | | **Mounting** | Plug-in socket (DIN rail or Surface) | --- ## 2. Component Breakdown The device consists of several critical electronic stages to ensure signal integrity: ### A. Input Stage * **Current Sensing:** Uses a high-precision shunt resistor to convert the 4-20mA current into a voltage signal. * **Protection:** Includes surge protection and filtering to eliminate high-frequency noise from the field sensors. ### B. Isolation Barrier * **Method:** Employs **Optical** or **Transformer isolation**. * **Purpose:** It physically separates the input, output, and power circuits. This prevents "common-mode voltage" issues and ensures that a surge on the field side does not destroy the PLC/DCS on the control side. ### C. Output Stage (Dual Output) * **Signal Splitting:** The "2C3" designation indicates dual independent outputs. In this case, it takes one input and provides two identical 4-20mA signals. * **Drive Capability:** The output circuit is designed to drive a specific load resistance (typically up to 600 $\Omega$ for 4-20mA). ### D. Power Supply * **AC/DC Converter:** An internal switching power supply converts the 100-240V AC input into the regulated DC voltages required for the internal operational amplifiers and isolation components. --- ## 3. Terminal Connection Layout *Based on the standard M2SES series pin configuration:* | Pin No. | Function | Description | | :--- | :--- | :--- | | **1** | Output 1 (+) | Positive Terminal for Loop 1 | | **2** | Output 1 (-) | Negative Terminal for Loop 1 | | **3** | Output 2 (+) | Positive Terminal for Loop 2 | | **4** | Output 2 (-) | Negative Terminal for Loop 2 | | **5** | Input (+) | From Sensor/Transmitter | | **6** | Input (-) | From Sensor/Transmitter | | **7** | Power (L) | 100-240V AC Line | | **8** | Power (N) | 100-240V AC Neutral | --- ## 4. Key Applications * **Ground Loop Elimination:** Preventing errors caused by potential differences between the field instrument ground and the control room ground. * **Signal Splitting:** Sending a single sensor reading to both a local display and a remote PLC simultaneously. * **Signal Boosting:** Increasing the drive capability of a weak 4-20mA loop.
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance supported by the 4-20mA outputs?
    • ⤷ How does the 'CE' suffix affect the regulatory compliance of this unit?
    • ⤷ Can this model be used with a 24V DC power supply instead of AC?