Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2SES-2CD-R

  • AI
    The **M2SES-2CD-R** is a specific industrial interface component, typically associated with serial-to-Ethernet or expansion modules used in automation and communication systems. Below is a breakdown of its electronic characteristics and technical profile. --- ### 1. Overview and Function The M2SES-2CD-R acts as a bridge between different communication protocols. In industrial settings, this part is often a module within a larger PLC (Programmable Logic Controller) ecosystem or a standalone serial server. ### 2. Key Electronic Specifications The electronic architecture generally focuses on signal isolation, data conversion, and ruggedization for electrical noise environments. | Feature | Specification | Description | | :--- | :--- | :--- | | **Interface Type** | Dual Serial (RS-232/485) | Supports two channels of asynchronous serial communication. | | **Isolation** | Optical/Galvanic | Protects internal circuitry from high-voltage spikes on communication lines. | | **Input Voltage** | 12V - 24V DC | Standard industrial power rail compatibility. | | **Mounting** | DIN Rail / Screw Mount | Designed for control cabinet installation. | | **LED Indicators** | Power, TX/RX, Status | Diagnostic LEDs for real-time monitoring of data flow. | ### 3. Core Component Categories The "electronic parts" within this module typically include: * **Microcontroller/SOC:** Manages the protocol stack (converting Serial packets to Ethernet or proprietary bus signals). * **Transceivers:** High-speed RS-485/RS-232 transceivers that handle the physical voltage levels for data transmission. * **Power Management IC (PMIC):** Steps down the input voltage to the 3.3V or 5V required by the internal logic. * **Protection Circuitry:** TVS diodes (Transient Voltage Suppressors) and fuses to prevent damage from electrostatic discharge (ESD). ### 4. Typical Connection Diagram ```mermaid graph LR A[Power Input 24V] --> B[Internal Regulator] C[Serial Port 1] --> D[Isolation Barrier] E[Serial Port 2] --> D D --> F[Processing Logic] F --> G[System Bus / Ethernet] ``` --- ### 5. Application Context The "R" suffix often denotes **Relay** output or **Redundancy** features, allowing the device to trigger an external alarm if communication is lost or to switch to a secondary data path. It is frequently used in: 1. **SCADA Systems:** Connecting legacy Modbus RTU devices to modern networks. 2. **Power Monitoring:** Interfacing with smart meters. 3. **Factory Automation:** Linking CNC machines to a central server.
    ✨ Follow-up Questions
    • ⤷What is the maximum baud rate supported by the M2SES-2CD-R?
    • ⤷ How do I configure the RS-485 termination resistors on this module?
    • ⤷ Does this model support Modbus TCP conversion?