Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2SES-2H1-R2

  • AI
    The **M2SES-2H1-R2** is a specialized electronic component, typically identified as a **high-speed signal switch or multiplexer/demultiplexer (Mux/Demux) module**. These parts are commonly used in industrial computing, embedded systems, and networking hardware to manage high-speed data lanes. --- ### 1. Technical Specifications Overview The following table highlights the primary electrical and physical characteristics associated with this series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Signal Expansion/Switch Module | | **Interface Support** | SATA / PCIe / USB High-Speed Signals | | **Configuration** | 2-Host to 1-Device (or vice versa) | | **Voltage Range** | Typically 3.3V (standard for M.2/PCIe) | | **Signal Integrity** | Low crosstalk, low insertion loss | | **Form Factor** | Compact M.2 or custom mezzanine style | --- ### 2. Key Electronic Functions The M2SES-2H1-R2 operates based on several core electronic principles: * **Signal Multiplexing:** It allows multiple signal sources (Hosts) to share a single destination (Device). This is crucial in failover systems or redundant data paths. * **Differential Signaling:** It is designed to handle differential pairs (like those found in SATA or PCIe), ensuring that the timing and voltage offsets remain within strict tolerances to prevent data corruption. * **Passive vs. Active Switching:** Depending on the specific revision, these modules utilize high-bandwidth FET switches that offer near-zero latency and minimal power consumption. --- ### 3. Connection Pinout Logic While specific pinouts vary by manufacturer, the "2H1" nomenclature generally follows this logic: 1. **H1 (Host 1):** Primary data input/output lane. 2. **H2 (Host 2):** Secondary/Redundant data input/output lane. 3. **Common (Device):** The shared interface port. 4. **SEL (Select Pin):** An electronic trigger (Logic High/Low) that determines which Host is currently connected to the Device. --- ### 4. Common Applications * **Redundant Storage:** Connecting two different CPU controllers to a single high-speed SSD. * **System Testing:** Switching a single UUT (Unit Under Test) between different diagnostic host machines. * **Expansion Slots:** Increasing the utility of limited M.2 slots in embedded motherboards.
    ✨ Follow-up Questions
    • ⤷ What is the maximum data transfer rate supported by the M2SES-2H1-R2?
    • ⤷ Does this module require external drivers to operate?
    • ⤷ What are the power consumption requirements for the switching logic?