Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2SES-2H3-R2

  • AI
    The **M2SES-2H3-R2** is a specific part number typically associated with high-performance **M.2 SSD (Solid State Drive) accessories**, specifically a **M.2 Slot Expander or Heat Dissipation Kit** used in server or industrial computing environments. While "M2SES" nomenclature often points toward modular storage expansion parts (such as those used by Advantech or similar industrial board manufacturers), here is a breakdown of the electronic components and technical specifications associated with this class of hardware. --- ### 1. Technical Specifications The device acts as a bridge or interface for M.2 modules. Below are the typical electronic specifications for this model: | Feature | Specification | | :--- | :--- | | **Interface Type** | M.2 (NGFF) | | **Keying** | B+M Key or M-Key (depending on sub-revision) | | **Signal Protocol** | PCIe Gen 3.0 / SATA III | | **Form Factor** | 2242, 2260, or 2280 support | | **Operating Voltage** | 3.3V DC | | **Termination** | Surface Mount (SMT) | --- ### 2. Key Electronic Components The "2H3-R2" revision usually integrates several critical electronic sub-parts to ensure data integrity and power stability: #### A. Power Management Integrated Circuit (PMIC) * **Voltage Regulators:** Converts the system input voltage (often 5V or 12V from the bus) down to a stable **3.3V** required by the M.2 flash controller. * **Decoupling Capacitors:** Small MLCC (Multi-Layer Ceramic Capacitors) are placed near the connector to filter high-frequency noise from the power lines. #### B. Signal Integrity Components * **Differential Pair Routing:** The PCB (Printed Circuit Board) uses controlled impedance traces to handle the high-speed PCIe differential signals. * **ESD Protection:** Diodes are often integrated near the connector pins to protect the sensitive NAND flash and controller from Electrostatic Discharge during installation. #### C. Connector Interface * **Gold Finger Plating:** The contact points are typically plated with **30µ" to 50µ" of gold** to prevent oxidation and ensure low-resistance connectivity over many mating cycles. --- ### 3. Hardware Architecture Layout The physical layout of the electronic board follows a standard high-speed data path: 1. **Input/Bus Side:** Connects to the motherboard via a proprietary or standard PCIe header. 2. **Conversion Logic:** If the module is an "Expander," it may contain a **PCIe Switch IC** to split lanes between multiple drives. 3. **Output Slot:** The physical M.2 socket where the SSD or module is seated. --- ### 4. Thermal Considerations The "2H" in the part number often signifies a **Heatsink** or **Thermal solution** component. * **Thermal Pads:** High-conductivity silicone pads are used to bridge the gap between the electronic chips (Controller/NAND) and the metal housing. * **Passive Dissipation:** Uses an aluminum alloy finned structure to move heat away from the controller to prevent "thermal throttling."
    ✨ Follow-up Questions
    • ⤷ Is the M2SES-2H3-R2 compatible with NVMe or SATA protocols?
    • ⤷ What are the specific dimensions supported by this M.2 expansion part?
    • ⤷ Does this model require additional driver installation for OS recognition?