Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2SES-2HD-R/UL

  • AI
    The **M2SES-2HD-R/UL** is a high-performance industrial solid-state electronic component, specifically a **Solid State Relay (SSR)** or contactor block designed for motor control and heavy electrical loads. This model is engineered by **Mitsubishi Electric** (or associated industrial automation partners) as part of their motor starter accessory lines. --- ### 1. Key Technical Specifications | Parameter | Specification Details | | :--- | :--- | | **Component Type** | Solid State Contact Unit / SSR | | **Mounting Style** | DIN Rail or Panel Mount | | **Input (Control) Voltage** | Typically 24V DC or wide-range AC (Model dependent) | | **Output (Load) Current** | High-density current handling (approx. 10A - 20A per pole) | | **Compliance** | UL/cUL Recognized (Safety standards for US/Canada) | | **Phase Support** | Designed for Single or 3-Phase load switching | --- ### 2. Core Electronic Features #### A. Solid State Switching Unlike traditional electromagnetic contactors, the M2SES-2HD-R uses **semiconductors** (Thyristors or Triacs) to switch power. This results in: * **No Moving Parts:** Eliminates mechanical wear and contact arcing. * **High Frequency:** Capable of high-speed switching cycles that would destroy a mechanical relay. * **Silent Operation:** No "clack" sound during activation. #### B. Zero-Cross Triggering The "R" in the suffix often denotes **Resistive load capability** or specific triggering logic. It typically utilizes zero-cross technology, meaning the relay waits for the AC voltage to hit 0V before switching on, which significantly reduces **Electromagnetic Interference (EMI)**. #### C. Protective Circuitry The unit includes internal electronic protection: * **Varistors (MOVs):** Protects the internal semiconductors from voltage spikes/surges. * **Heat Dissipation:** Designed with a high-density (HD) thermal interface to manage heat generated during continuous high-current flow. --- ### 3. Terminal and Connection Logic | Terminal Group | Function | Electronic Role | | :--- | :--- | :--- | | **Input (A1/A2)** | Control Signal | Triggers the optical isolator to bridge the load. | | **Output (L1/T1)** | Power Circuit | The path for the high-voltage load current. | | **LED Indicator** | Status Monitoring | Visual feedback showing the gate signal is active. | --- ### 4. Application Context The **M2SES-2HD-R/UL** is primarily used in: 1. **Heater Control:** Precise PID temperature control where frequent switching is required. 2. **Motor Starters:** Soft-start or high-cycle motor applications. 3. **Industrial Automation:** Interfacing low-voltage PLC outputs with high-voltage industrial machinery. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum surge current rating for this specific SSR?
    • ⤷ Does the M2SES-2HD-R require an external heat sink for full load operation?
    • ⤷ How does the UL certification affect its installation in industrial control panels?