Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2SES-2HD-R2/CE

  • AI
    The **M2SES-2HD-R2/CE** is a specialized electronic component, typically categorized as an industrial-grade **M.2 to Dual SATA 6G Adapter**. It is designed to expand storage capabilities in embedded systems, industrial PCs, and server environments by converting an M.2 slot into two standard SATA ports. --- ### 1. Key Technical Specifications The following table outlines the primary electronic and physical characteristics of the module: | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 (2280-D2-B-M) | | **Interface (Host)** | M.2 Socket (PCIe or SATA based depending on revision) | | **Output Ports** | 2 x SATA III (7-pin) | | **Data Transfer Rate** | Up to 6.0 Gbps per port | | **Controller IC** | ASMedia or Marvell (typically ASM1061 or similar) | | **Operating Temperature** | 0°C to +70°C (Standard) / -40°C to +85°C (Industrial) | | **Compliance** | CE, FCC, RoHS | --- ### 2. Electronic Components and Architecture The board consists of several critical electronic sub-systems to ensure stable data transmission and power management: #### A. Bridge Controller (The "Brain") The core of the device is a **SATA Host Controller IC**. This chip acts as a bridge between the M.2 interface and the SATA ports. It handles the AHCI (Advanced Host Controller Interface) protocol, ensuring plug-and-play compatibility with most operating systems (Windows, Linux, UEFI). #### B. Power Management Unit (PMU) * **Voltage Regulators:** Converts the 3.3V power supplied by the M.2 slot into the specific voltages required by the controller IC (often 1.0V or 1.2V). * **Decoupling Capacitors:** Small MLCC (Multi-Layer Ceramic Capacitors) are placed near the IC and SATA connectors to filter high-frequency noise and stabilize power delivery during high-speed data bursts. #### C. Signal Conditioning * **Differential Pairs:** The PCB layout utilizes strictly controlled impedance for the high-speed SATA differential signal lines (TX/RX) to prevent data corruption and EMI (Electromagnetic Interference). * **Oscillator:** A dedicated crystal oscillator (usually 25MHz or 30MHz) provides the precise clock timing required for 6Gbps synchronization. --- ### 3. Usage and Application This part is used in scenarios where a motherboard lacks sufficient SATA ports but has an available M.2 slot. * **Industrial Automation:** Connecting high-capacity SSDs for data logging. * **Network Attached Storage (NAS):** Expanding the number of drive bays in a compact chassis. * **Embedded Systems:** Used in fanless PCs where space is at a premium. --- ### 4. Code / Configuration Check (Linux Example) To verify if the electronic part is detected by the OS kernel, you can use the following command: ```bash # Check for ASMedia/SATA controller on the PCIe/M.2 bus lspci -nn | grep -i sata # Expected output sample: # 02:00.0 SATA controller [0106]: ASMedia Technology Inc. ASM1061 SATA 6Gb/s Controller [1b21:0612] ```
    ✨ Follow-up Questions
    • ⤷ Does this adapter support hardware RAID configurations?
    • ⤷ What is the difference between the 'R2' and 'CE' designations in this model?
    • ⤷ Can this module be used in a laptop with a standard M.2 NVMe slot?