Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2SES2-6A-R2

  • AI
    The **M2SES2-6A-R2** is a high-performance **Step-Servo (Closed-Loop Stepper) Motor** developed by Leadshine. It represents an integration of stepper motor technology with high-resolution feedback to eliminate the loss of steps, a common issue in traditional open-loop systems. --- ### 1. Key Technical Specifications The following table highlights the core electrical and mechanical characteristics of the M2SES2-6A-R2: | Feature | Specification | | :--- | :--- | | **Motor Type** | NEMA 24 Step-Servo (Integrated) | | **Holding Torque** | 2.2 N.m (312 oz-in) | | **Encoder Resolution** | 4,000 counts/rev (1,000 lines) | | **Phase Current** | 6.0 A | | **Input Voltage** | 24 - 70 VDC | | **Logic Signal Current** | 7 - 16 mA | | **Shaft Diameter** | 8 mm | --- ### 2. Major Electronic Components & Features The "R2" designation often refers to the revised series featuring improved heat dissipation and signal processing. #### A. Integrated Encoder Unlike standard steppers, this part includes a built-in optical/magnetic encoder. * **Closed-Loop Control:** It sends real-time position data back to the drive. * **No Stalling:** If the motor encounters an obstacle, the controller adjusts the current to compensate rather than losing synchronization. #### B. Power Stage (MOSFET/IGBT) The internal drive uses advanced power transistors to manage high-speed switching. * **Low Heat:** It utilizes **Variable Current Control** technology, meaning the motor only draws the current it needs for the specific load, significantly reducing operating temperatures. #### C. Signal Processing (DSP) The unit is powered by a 32-bit Digital Signal Processor (DSP) that handles: * **Microstepping:** Smooths out rotation and reduces resonance. * **Error Correction:** Triggers an "Alarm" signal if the position deviation exceeds a set threshold. --- ### 3. Wiring and Pinout Configuration The electronic interface usually consists of two main connectors: #### Control Signal Connector | Pin | Name | Description | | :--- | :--- | :--- | | 1 | **PUL+** | Pulse signal input (Positive) | | 2 | **PUL-** | Pulse signal input (Negative) | | 3 | **DIR+** | Direction signal input (Positive) | | 4 | **DIR-** | Direction signal input (Negative) | | 5 | **ALM+** | Alarm output signal (Positive) | #### Power Connector * **VDC:** Positive Power Supply (Recommended 36V or 48V for optimal torque). * **GND:** Power Ground. --- ### 4. Advantages over Standard Steppers 1. **High Torque at High Speed:** Traditional steppers lose torque quickly as RPM increases; the M2SES2-6A-R2 maintains a flatter torque curve. 2. **Quiet Operation:** The electronic dampening reduces the "ringing" or vibration at low speeds. 3. **Fast Response:** No "hunting" (oscillating at the target position) which is common in traditional servos. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum pulse frequency supported by the M2SES2-6A-R2?
    • ⤷ How do I configure the microstep resolution on this specific model?
    • ⤷ What are the recommended power supply safety margins for 6A peak current?