Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2SES2-6E-R2/

  • AI
    The **M2SES2-6E-R2** is a high-performance industrial networking component, specifically an **M12-standard Ethernet switch module**. These devices are designed for rugged environments where vibration, moisture, and electrical noise are prevalent, such as in rail transport, industrial automation, or heavy machinery. --- ### 1. Core Technical Specifications The following table outlines the primary electronic characteristics of the module: | Component / Feature | Specification Details | | :--- | :--- | | **Interface Type** | M12 Connectors (D-Coded or X-Coded depending on speed) | | **Port Count** | 6 Ethernet Ports | | **Input Voltage** | Typically 24V DC (Wide range support common in R2 series) | | **Housing** | IP67 rated (Waterproof and Dustproof) | | **Ethernet Speed** | 10/100 Mbps (Fast Ethernet) or 10/100/1000 Mbps | | **Mounting** | Wall mount / Machine-mount (No cabinet required) | --- ### 2. Key Electronic Features #### A. M12 Connector Interface Unlike standard RJ45 ports found on office routers, this part uses **M12 circular connectors**. * **Mechanical Stability:** The screw-thread locking mechanism ensures the connection does not break under heavy vibration. * **EMI Shielding:** The metal housing of the M12 connector provides superior grounding and protection against Electromagnetic Interference (EMI). #### B. Power Management & Redundancy The "R2" designation often implies a specific hardware revision that includes: * **Reverse Polarity Protection:** Prevents damage if the DC power leads are connected incorrectly. * **Overcurrent Protection:** Internal fuses or solid-state circuits to protect the logic board from power surges. #### C. Managed vs. Unmanaged Logic Most modules in this series act as **Unmanaged Switches**, meaning: * **Plug-and-Play:** No software configuration is required. * **Layer 2 Switching:** It handles data frames based on MAC addresses using an integrated switching ASIC (Application-Specific Integrated Circuit). --- ### 3. Application Use Cases Because of its electronic robustness, the M2SES2-6E-R2 is typically found in: 1. **Railway Rolling Stock:** Connecting onboard cameras or passenger information systems. 2. **Factory Automation:** Linking PLC (Programmable Logic Controllers) on a robotic assembly line. 3. **Mining Equipment:** Data transmission in dusty and wet outdoor environments. --- ### 4. Schematic Representation (Simplified) ```mermaid graph LR A[DC Power Input] --> B[Internal Voltage Regulator] B --> C[Ethernet Switching ASIC] C --- D[Port 1: M12] C --- E[Port 2: M12] C --- F[Port 3: M12] C --- G[Port 4: M12] C --- H[Port 5: M12] C --- I[Port 6: M12] ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between D-coded and X-coded M12 connectors for this module?
    • ⤷ Does this model support Power over Ethernet (PoE) functionality?
    • ⤷ What is the operating temperature range for the R2 revision?