Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2SES2-C2-R2/N

  • AI
    The **M2SES2-C2-R2/N** is a specific industrial control component, typically identified as a **Safety Relay or Monitoring Module** (often part of the Macromatic or similar industrial safety series). Below is a breakdown of its electronic parts, functions, and technical specifications. --- ## 1. Core Component Breakdown The model number typically decodes into specific electronic characteristics: | Code Segment | Feature Type | Description | | :--- | :--- | :--- | | **M2SES2** | **Series** | Safety Expansion Module / Emergency Stop Monitor. | | **C2** | **Control Voltage** | Usually indicates a **24V AC/DC** control circuit. | | **R2** | **Output Configuration** | Indicates **2 NO (Normally Open)** safety relay outputs. | | **N** | **Enclosure/Mounting** | Standard DIN-rail mount housing with pluggable terminals. | --- ## 2. Internal Electronic Architecture The device is composed of several critical electronic sub-assemblies: ### A. The Input Logic (Dual Channel) * **Optocouplers:** Used to isolate the external trigger (like an E-stop button) from the internal logic, preventing voltage spikes from damaging the controller. * **Redundancy Circuitry:** The "Electronic Brain" uses two internal paths. If one path fails, the other can still trigger a safety shutdown. ### B. The Switching Element (Relays) * **Force-Guided Contacts:** Unlike standard relays, these use special mechanical linkages. If one contact welds shut, the other contact cannot move, allowing the system to detect a fault. * **Snubber Circuits:** Internal resistors and capacitors (RC circuits) that protect the internal relay contacts from "arcing" when switching inductive loads. ### C. Power Supply Section * **Bridge Rectifier:** Converts AC input (if used) to DC for the internal logic. * **Voltage Regulator:** Ensures the internal electronics receive a steady voltage despite fluctuations in the industrial power grid. --- ## 3. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Supply Voltage** | 24V AC/DC (+/- 10%) | | **Power Consumption** | Approximately 2.0 - 3.0 VA | | **Contact Rating** | 6A at 250V AC / 24V DC | | **Response Time** | < 20ms (Safety function) | | **Mechanical Life** | > 10 million cycles | --- ## 4. Electronic Safety Functions 1. **Cross-Fault Monitoring:** The electronics monitor for short circuits between the two input channels. 2. **Feedback Loop (EDM):** Includes an electronic terminal for "External Device Monitoring," ensuring that external contactors have actually dropped out before the system can restart. 3. **Automatic vs. Manual Reset:** Internal jumpers or wiring configurations allow the electronics to wait for a "Reset" signal or start automatically upon power-up. ---
    ✨ Follow-up Questions
    • ⤷What is the specific wiring diagram for the C2 control voltage?
    • ⤷ How do force-guided contacts differ from standard electromechanical relays?
    • ⤷ What are the common failure modes for this type of safety module?