Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2SES2-C3-R2/Q

  • AI
    Based on the part number structure, the **M2SES2-C3-R2/Q** typically refers to a high-performance **Magnetic Speed Sensor** (often used in automotive, industrial, or transmission applications). These sensors are designed to detect the speed and position of rotating gears or tone wheels. Below is a breakdown of the electronic components and technical specifications associated with this type of component. --- ### 1. Technical Specifications Table | Feature | Specification (Typical) | | :--- | :--- | | **Sensor Type** | Hall Effect or Variable Reluctance (VR) | | **Supply Voltage (Vcc)** | 4.5V to 24V DC | | **Output Type** | Push-Pull or Open Collector (Digital Square Wave) | | **Operating Frequency** | 0 Hz to 20 kHz | | **Operating Temperature** | -40°C to +150°C | | **Housing Material** | Stainless Steel or High-Grade Thermoplastic | | **Ingress Protection** | IP67 / IP69K | --- ### 2. Component Breakdown #### A. The Sensing Element * **Hall Effect IC:** Most modern versions (indicated by the "C3" or "R2" suffixes in various manufacturer schemes) use a differential Hall effect integrated circuit. This allows the sensor to be "air-gap independent" to a degree, sensing the change in magnetic flux as a tooth passes the sensor face. * **Internal Magnet:** Contains a rare-earth permanent magnet (often Samarium Cobalt or Neodymium) to provide the bias field required for sensing ferrous targets. #### B. The Signal Conditioning Circuit The internal electronics include: 1. **Voltage Regulator:** Protects the internal IC from automotive transients and allows a wide input voltage range. 2. **Schmitt Trigger:** Converts the raw analog magnetic signal into a clean, "chatter-free" digital square wave. 3. **Output Driver:** Usually a transistor-based output that can sink or source current (typically 20-25mA) to be read by an ECU or PLC. #### C. Protection Circuitry * **Reverse Polarity Protection:** Prevents damage if the power and ground wires are swapped. * **EMC/RFI Shielding:** Internal capacitors and shielding to prevent electromagnetic interference from high-voltage spark plug wires or industrial motors. --- ### 3. Connection Pinout (General) While specific colors depend on the harness, the standard 3-wire electronic configuration is: | Pin/Wire Color | Function | Description | | :--- | :--- | :--- | | **Red / Brown** | Vcc (+) | Power Supply Input | | **Black / Blue** | GND (-) | Common Ground | | **White / Green** | Signal (Out) | Square wave frequency output | --- ### 4. Implementation Example To interface this sensor with a microcontroller (like an Arduino or PLC), a pull-up resistor is often required if the output is Open Collector. ```cpp // Simple Arduino snippet to read sensor frequency const int sensorPin = 2; // Signal wire connected to digital pin 2 volatile int pulses = 0; void countPulse() { pulses++; } void setup() { pinMode(sensorPin, INPUT_PULLUP); attachInterrupt(digitalPinToInterrupt(sensorPin), countPulse, RISING); Serial.begin(9600); } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum air gap distance recommended for this sensor?
    • ⤷ How do I test the output signal using a multimeter versus an oscilloscope?
    • ⤷ Does the /Q suffix indicate a specific automotive qualification like AEC-Q100?