Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2SP-11-R

  • AI
    The **M2SP-11-R** is a specific model of an **Industrial Limit Switch** (or Position Switch) manufactured by companies like **Schlegel**. These components are critical in automation and control circuits to detect the presence, position, or end-of-travel of a mechanical part. --- ### 1. Key Technical Specifications | Feature | Specification | |:---|:---| | **Contact Type** | 1 NO (Normally Open) + 1 NC (Normally Closed) | | **Switching Principle** | Snap-action (Rapid transition regardless of actuator speed) | | **Termination** | Screw terminals (M3.5) | | **Housing Material** | Plastic (Fiberglass reinforced, self-extinguishing) | | **Protection Class** | IP65 / IP67 (Dust tight and water-resistant) | | **Rated Insulation Voltage** | 500V | | **Thermal Current ($I_{th}$)** | 10A | --- ### 2. Internal Electronic Structure The "11" in the part number typically refers to the **1NO/1NC** contact configuration. This dual-circuit setup allows for versatile wiring: 1. **Safety Loop (NC):** The Normally Closed contact is often used in a safety circuit. When the switch is tripped, the circuit opens, immediately stopping the machine. 2. **Feedback Loop (NO):** The Normally Open contact closes upon activation, sending a signal to a PLC (Programmable Logic Controller) or turning on an indicator light. ### 3. Actuator Mechanics The **-R** suffix often denotes the type of actuator head or the reset mechanism: * **Snap Action:** This ensures that the electrical contacts flip positions instantly once the operating point is reached, preventing "arcing" (electrical sparks) that can occur with slow-moving mechanical parts. * **Durability:** These parts are rated for millions of mechanical cycles, making them far more robust than standard consumer switches. --- ### 4. Typical Applications * **Conveyor Belts:** To detect if a package has reached a certain point. * **Safety Gates:** To ensure a machine cannot start unless a protective door is fully closed. * **CNC Machinery:** For "Homing" operations or limiting the travel of the X, Y, or Z axes. * **Elevators:** To sense floor leveling and door positions.
    ✨ Follow-up Questions
    • ⤷ What is the difference between snap-action and slow-action in this model?
    • ⤷ How do I wire the M2SP-11-R to a 24V PLC input?
    • ⤷ What are the mounting hole dimensions for the M2SP series?