Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2SP-11-R/DN

  • AI
    The **M2SP-11-R/DN** is a specific model within a series of industrial power control and signal conversion components, typically associated with **M-System** (now part of MG CO., LTD). This specific part number refers to a **Plug-in Power Motor Positioner** or a specific type of **Transmitter/Actuator Controller**. --- ### ## Technical Specifications Below are the primary electronic characteristics and structural details for this component: | Feature | Specification Details | | :--- | :--- | | **Model Type** | Motor Positioner (Electronic Actuator Control) | | **Input Signal** | Standard analog (e.g., 4–20mA DC or 1–5V DC) | | **Output Type** | Relay Contact or Triac (Depending on internal configuration) | | **Power Supply** | 100–120V AC (Standard for 'R' designation) | | **Mounting** | Plug-in base (Standard 11-pin or similar socket) | | **Operation** | Compares input signal with feedback signal to drive motor | --- ### ## Core Electronic Components & Functions The device functions as a closed-loop controller. Its internal electronic architecture consists of the following sections: 1. **Isolation Circuitry**: The unit provides galvanic isolation between the input signal, the power supply, and the output contacts. This protects sensitive PLC or DCS controllers from high-voltage surges on the motor side. 2. **Comparator Circuit**: Electronic op-amps compare the **Command Input** (desired position) with the **Feedback Potentiometer** signal (actual motor position). 3. **Deadband Adjustment**: Includes a potentiometer to set the "Deadband." This prevents "hunting" (constant micro-adjustments) by defining a small range where the motor remains stationary. 4. **Relay/Solid State Outputs**: Contains two sets of switches (typically for Open and Close directions). In the **DN** variant, these are often high-durability relays designed for inductive motor loads. --- ### ## Connection Terminal Mapping Since this is a plug-in module, the wiring follows a specific pin-out logic: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1 & 11** | Power Supply | AC Mains Input | | **4 & 5** | Input Signal | Connection from Controller (PLC/DCS) | | **6, 7, 8** | Feedback | Connection to Motor's Potentiometer | | **9 & 10** | Output | Relay contacts for Motor Drive | --- ### ## Applications * **Valve Actuation**: Controlling the opening percentage of a globe or ball valve. * **Damper Control**: Adjusting airflow in HVAC or combustion systems. * **Process Automation**: Translating low-power electronic signals into high-power mechanical movement.
    ✨ Follow-up Questions
    • ⤷ What is the specific deadband range for the M2SP series?
    • ⤷ How do I calibrate the span and zero for this motor positioner?
    • ⤷ What are the compatible socket bases for the M2SP-11-R/DN?