Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2SP-14-R2/N

  • AI
    The **M2SP-14-R2/N** is a specific model of an **Expansion Base Unit** (also known as a terminal block or base module) used primarily in industrial automation, specifically within the **M-System** M2 Series signal conditioners. Below is a detailed breakdown of its electronic and mechanical specifications. --- ## 1. General Overview The M2SP-14-R2/N acts as a physical and electrical interface. It allows for the "plug-and-play" installation of signal conditioners, providing the necessary wiring terminals for input, output, and power supply without needing to rewire the entire panel when a module is replaced. ### Key Specifications Table | Feature | Specification | | :--- | :--- | | **Model Series** | M2 Series (M-System) | | **Capacity** | 14-position (holds up to 14 modules) | | **Power Input** | 24V DC / 100-240V AC (depending on internal wiring) | | **Mounting** | Surface or Rack mount | | **Terminal Type** | M3.5 Screw terminals | | **Suffix "/N"** | Usually denotes "Without specific mounting bracket" or "Special spec" | --- ## 2. Electronic Connectivity The base unit serves as a backplane. The electronic parts involved in its construction include: ### A. Internal Bus Bar/Wiring The unit features internal distribution for the **Power Supply**. - Instead of wiring power to 14 individual modules, you wire the power source to the base unit's main terminals. - The base unit distributes this power to each of the 14 slots via an internal bus system. ### B. Signal Terminals (I/O) Each of the 14 slots has dedicated screw terminals: - **Input Terminals:** Receive signals from sensors (thermocouples, RTDs, 4-20mA loops). - **Output Terminals:** Send processed signals to PLCs, DCS, or recorders. - **Circuit Protection:** The terminals are designed to handle standard industrial voltage surges and provide isolated pathways for each module. --- ## 3. Structural & Material Parts The electronics are housed in a rugged frame designed for industrial environments: * **Housing Material:** Flame-resistant resin (typically black). * **Terminals:** Nickel-plated brass screws (M3.5). * **Connector Interface:** Multi-pin socket connectors that mate with the pins on the bottom of the M2 series modules. --- ## 4. Usage in a System When using the M2SP-14-R2/N, the electronic workflow is as follows: 1. **Field Wiring:** Sensors are wired to the base unit terminals. 2. **Power:** A single power source is connected. 3. **Module Insertion:** The M2-series signal conditioners (e.g., M2WT, M2RS) are plugged into the slots. 4. **Hot Swapping:** Because the electronics are separated between the base and the module, you can remove a module (for calibration or repair) while the rest of the 13 modules remain powered and operational. --- ## 5. Model Code Breakdown * **M2SP:** Series Name (Expansion Base for M2 Series). * **14:** Number of slots (14 positions). * **R2:** Power supply specification for the backplane (typically 24V DC). * **N:** Optional code often indicating a specific terminal layout or the omission of a standard mounting plate.
    ✨ Follow-up Questions
    • ⤷ What are the compatible signal conditioner modules for the M2SP-14-R2 base?
    • ⤷ How do I wire the common power supply to the M2SP-14-R2?
    • ⤷ What is the maximum current rating for the internal bus of this base unit?