Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2SP-1D-R

  • AI
    The **M2SP-1D-R** is a specific electronic component, primarily known as a **Solid State Relay (SSR)** or an input/output module, often associated with industrial automation systems like those from Opto 22 or similar control interface manufacturers. Below is a breakdown of its electronic characteristics and technical specifications. --- ## 1. Technical Specifications This device serves as a bridge between low-power control signals (from a PLC or Microcontroller) and high-power industrial loads. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Solid State Relay (SSR) / Digital Output Module | | **Control Voltage** | 3 - 32 VDC (Nominal) | | **Load Voltage Range** | 12 - 280 VAC | | **Current Rating** | 1 Amp - 3 Amp (Varies by heat sinking) | | **Isolation** | Optical Isolation (Input to Output) | | **Switching Type** | Zero-Cross Switching | --- ## 2. Key Electronic Parts & Components The internal architecture of the M2SP-1D-R consists of several critical electronic stages: ### A. Optical Isolator (Optocoupler) * **Purpose:** Provides electrical separation between the DC control side and the AC load side. * **Benefit:** Protects sensitive logic circuits (like an Arduino or PLC) from high-voltage spikes or back-EMF from the AC line. ### B. Zero-Cross Detection Circuit * **Function:** Ensures the relay only turns "ON" when the AC sine wave crosses the 0V mark. * **Impact:** This reduces **Electromagnetic Interference (EMI)** and minimizes stress on the load (like motors or heaters). ### C. Triac or Thyristor (Output Stage) * **Role:** The main switching element. Unlike a mechanical relay, it has no moving parts. * **Operation:** When the internal LED of the optocoupler fires, it triggers the gate of the Triac, allowing AC current to flow through the load terminals. ### D. Snubber Network * **Components:** Usually an internal Resistor-Capacitor (RC) circuit. * **Function:** Suppresses "dV/dt" (rapid voltage changes) that could cause the Triac to trigger falsely, especially when driving inductive loads like solenoids. --- ## 3. Terminal Connectivity | Pin / Terminal | Description | | :--- | :--- | | **Pins 1 & 2** | **Control Input:** Connected to the DC signal (e.g., +5V and Ground). | | **Pins 3 & 4** | **Load Output:** Connected in series with the AC power source and the device being controlled. | --- ## 4. Pros and Cons * **Pros:** High-speed switching, silent operation, infinite life cycle (no mechanical wear), and high vibration resistance. * **Cons:** Generates heat during operation (requires airflow), higher "leakage current" than mechanical relays, and sensitive to over-voltage transients.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the heat sink requirements for the M2SP-1D-R?
    • ⤷ What is the difference between zero-cross and random-fire switching in this module?
    • ⤷ Can this module be used to control a DC load instead of an AC load?