Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2SP-1D-R2/UL

  • AI
    The **M2SP-1D-R2/UL** is a specific model of an **Electronic Potentiometer Transducer** (or Signal Conditioner) manufactured by **M-System**. It is designed to interface with a potentiometer (a variable resistor typically used as a position sensor) and convert its resistance value into a standard DC voltage or current signal. --- ### ## Core Technical Specifications The model suffix `R2/UL` provides specific information regarding its power supply and safety certifications. | Feature | Specification | | :--- | :--- | | **Input Signal** | Potentiometer (Total resistance 100 $\Omega$ to 10 k$\Omega$) | | **Output Signal** | Configurable (Current or Voltage) | | **Power Input (R2)** | 24V DC | | **Certification (UL)** | UL/cUL listing (North American safety standards) | | **Response Time** | $\leq$ 0.5 seconds (0 to 90%) | | **Isolation** | 3-way isolation (Input to Output to Power) | --- ### ### Key Electronic Components & Functions 1. **Reference Voltage Circuit:** The device applies a stable, precision reference voltage across the potentiometer's end terminals. This ensures that the measurement remains accurate regardless of slight fluctuations in the main power supply. 2. **Input Signal Conditioner:** As the potentiometer wiper moves, the voltage at the wiper changes. The M2SP-1D-R2/UL uses a high-impedance operational amplifier (Op-Amp) to read this voltage without "loading" the sensor, which prevents measurement errors. 3. **Galvanic Isolation:** This is a critical electronic feature. It uses internal opto-isolators or transformers to separate the input, output, and power circuits. This protects downstream equipment (like a PLC) from electrical surges and eliminates ground loops. 4. **Zero and Span Adjustments:** Located on the front panel, these are multi-turn trim-potentiometers used to calibrate the output. * **Zero:** Sets the output for the minimum resistance position. * **Span:** Sets the output for the maximum resistance position. --- ### ### Application and Wiring The unit is typically used to monitor the position of valves, dampers, or mechanical actuators where a potentiometer is physically linked to the movement. #### **Typical Terminal Configuration** | Terminal | Function | | :--- | :--- | | **1 - 2** | Power Supply (24V DC) | | **3 - 4** | Analog Output Signal | | **5 - 6 - 7** | Potentiometer Input (High, Wiper, Low) | --- ### ### Why the "UL" Version? The `/UL` designation indicates that the internal components and the housing material meet specific fire safety and electrical hazard requirements. This is often mandatory for industrial control panels in the United States and Canada to pass inspection. ---
    ✨ Follow-up Questions
    • ⤷What are the specific wiring steps for connecting a 3-wire potentiometer to this device?
    • ⤷ How do I calibrate the Zero and Span if the output signal is drifting?
    • ⤷ Can the output signal be converted from 4-20mA to 0-10V on this specific model?