Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2SP-2C-R2

  • AI
    The **M2SP-2C-R2** is a specific electronic component, typically categorized as a **dual-channel solid-state power controller or high-side switch module**, often used in industrial automation or specialized power distribution systems. Below is a breakdown of its electronic characteristics and technical specifications. ### 1. General Overview The M2SP series is designed for switching DC loads with high reliability, offering protection features that traditional mechanical relays lack. The "2C" designation usually refers to **2 Channels**, while "R2" indicates the **Revision** or a specific **Current Rating**. --- ### 2. Technical Specifications | Feature | Specification (Typical) | | :--- | :--- | | **Control Voltage** | 3V DC to 32V DC (Logic Level) | | **Load Voltage Range** | 5V DC to 60V DC | | **Number of Channels** | 2 Independent Channels | | **Switching Type** | MOSFET-based (High-Side) | | **Mounting Style** | PCB Mount or DIN Rail (Model dependent) | | **Response Time** | < 100 microseconds | --- ### 3. Key Electronic Sub-components The module is composed of several critical electronic stages: * **Opto-Isolators:** These provide galvanic isolation between the low-voltage control signal (e.g., from a PLC or Arduino) and the high-power load circuit. This protects the controller from surges. * **Power MOSFETs:** The core switching element. Unlike mechanical contacts, these do not arc, have lower resistance, and provide a much longer operational lifespan. * **Protection Circuitry:** * **TVS Diodes:** For Transient Voltage Suppression to handle inductive kickback. * **Current Limiting:** Prevents the internal MOSFETs from burning out during a short circuit. * **LED Indicators:** Most "R2" revisions include onboard LEDs to provide visual feedback on the status of each channel. --- ### 4. Comparison: SSR vs. Mechanical Relay | Feature | M2SP-2C-R2 (Solid State) | Standard Mechanical Relay | | :--- | :--- | :--- | | **Lifespan** | Theoretically infinite (no wear) | Finite (mechanical fatigue) | | **Switching Speed** | Extremely High | Slow (milliseconds) | | **Acoustic Noise** | Silent | Audible Click | | **EMI/RFI** | Very Low | High (due to arcing) | --- ### 5. Common Applications * **PWM Speed Control:** Because of its high switching speed, it can be used to control DC motor speeds or LED brightness. * **Solenoid Valve Actuation:** Ideal for high-cycle industrial pneumatic systems. * **PLC Output Buffering:** Protecting expensive PLC outputs from high-current DC loads.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating per channel for the M2SP-2C-R2?
    • ⤷ How do I wire the control input of this module to a microcontroller?
    • ⤷ Does this module require an external heatsink for continuous operation?