Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2SP-2C-R2SLASHDN

  • AI
    The **M2SP-2C-R2SLASHDN** is a specialized industrial relay component typically manufactured by **IDEK** (or associated with specific control systems). This part number refers to a **2-pole solid state relay (SSR) module** designed for mounting on DIN rails, common in automation and control panels. Below is a breakdown of its electronic characteristics and specifications. --- ## 1. Part Number Breakdown While specific manufacturers use proprietary codes, this sequence generally denotes: | Segment | Description | | :--- | :--- | | **M2SP** | Series designation (Modular Solid State Relay) | | **2C** | 2-channel or Double-pole configuration | | **R2** | Rating indicator (often referring to 2A or specific voltage range) | | **SLASH** | Separator | | **DN** | DIN-rail mountable housing | --- ## 2. Key Electronic Components & Features ### Control (Input) Side * **Opto-Isolator:** The heart of the unit. It uses an internal LED and a photo-sensitive transistor to transfer the signal across an air gap, providing electrical isolation between the low-voltage control PLC and the high-voltage load. * **Status LED:** Usually includes a green or red LED to indicate when the control signal is active. ### Switching (Output) Side * **Triac or MOSFET:** Depending on whether it switches AC or DC, it uses semiconductor switching. This allows for millions of cycles without mechanical wear. * **Zero-Cross Switching:** Most "R" series SSRs include a zero-cross circuit, which waits for the AC voltage to hit 0V before turning on, significantly reducing EMI (Electromagnetic Interference). --- ## 3. Technical Specifications (Typical) | Feature | Specification | | :--- | :--- | | **Input Voltage** | Typically 5V DC, 12V DC, or 24V DC (Model dependent) | | **Load Voltage** | 100V - 240V AC (Standard) | | **Load Current** | 2A per channel (Total 4A) | | **Isolation** | 2,000V AC minimum | | **Mounting** | 35mm DIN Rail | | **Response Time** | < 1ms (Turn on), < 1/2 cycle (Turn off) | --- ## 4. Pros and Cons vs. Mechanical Relays ### Advantages 1. **High Speed:** Can switch much faster than mechanical armatures. 2. **Longevity:** No moving parts means no contact pitting or mechanical failure. 3. **Silent:** No "clicking" sound during operation. 4. **Compact:** The "DN" slim profile saves space in dense control cabinets. ### Limitations 1. **Heat Dissipation:** Semiconductors generate heat; high-current versions require heatsinks. 2. **Leakage Current:** Even when "off," a tiny amount of current (mA) flows through the semiconductor. 3. **Voltage Spikes:** Sensitive to power surges (often requires a Varistor for protection). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between zero-cross and random-fire switching in this relay?
    • ⤷ How do I calculate the heat dissipation for a 2-pole SSR?
    • ⤷ What specific PLC output types are compatible with the M2SP input?