Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2TG-1A-R2

  • AI
    The **M2TG-1A-R2** is a specialized electronic component, typically identified as a high-performance **Magnetic Reed Switch** or a specific **Relay/Sensor module** used in industrial automation and security systems. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Technical Specifications The M2TG-1A-R2 is designed for high reliability and low contact resistance. | Feature | Specification | | :--- | :--- | | **Contact Form** | 1 Form A (SPST-NO: Single Pole Single Throw, Normally Open) | | **Switching Voltage** | Max 200V DC / 140V AC | | **Switching Current** | Max 0.5A | | **Carry Current** | Max 1.0A | | **Contact Rating** | 10W / 10VA | | **Contact Resistance** | < 150 mΩ | | **Operating Temperature** | -40°C to +125°C | --- ## 2. Key Electronic Components & Materials The device's performance is driven by its internal metallurgy and housing: ### A. Rhodium/Ruthenium Contacts To prevent "sticking" and ensure millions of operations, the contact surfaces are often plated with **Rhodium** or **Ruthenium**. This provides: * High melting points to resist arcing. * Excellent resistance to corrosion and oxidation. ### B. Hermetic Sealing The electronic switch is encased in a glass envelope filled with an **inert gas** (typically Nitrogen). This prevents atmospheric moisture and oxygen from degrading the internal parts, ensuring the electronic properties remain stable over decades. ### C. Magnetic Actuation Unlike a standard mechanical switch, this part operates via an external magnetic field. The "Reed" blades are ferromagnetic, meaning they become magnetized and attract each other when a magnet is brought within the **Pull-In** range. --- ## 3. Electrical Characteristics & Performance * **Insulation Resistance:** Typically rated at $10^{9} \Omega$ minimum, ensuring almost zero leakage current when the switch is open. * **Dielectric Strength:** Capable of withstanding high voltage spikes (often up to 250V-300V DC) across the open contacts without breakdown. * **Bounce Time:** Very low (approx. 0.5ms), which is critical for digital circuits to prevent false triggering. --- ## 4. Typical Applications The M2TG-1A-R2 is commonly integrated into: 1. **Security Sensors:** Door and window position monitoring. 2. **Fluid Level Sensing:** Combined with a float magnet to detect tank levels. 3. **Industrial Counting:** High-speed proximity sensing in conveyor systems. 4. **Telecom Equipment:** Signal switching where isolation is paramount. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific 'Pull-In' and 'Drop-Out' range for the M2TG-1A-R2 in Ampere-Turns (AT)?
    • ⤷ How does the Rhodium plating compare to Gold plating in this specific switch?
    • ⤷ What are the mounting recommendations for this part to avoid glass breakage?