Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2TG-53-R

  • AI
    ## Technical Overview of M2TG-53-R The **M2TG-53-R** is a high-performance, double-pole double-throw (DPDT) electromechanical relay module designed for high-frequency (RF) switching applications. It is commonly utilized in automated test equipment (ATE) and telecommunications systems. --- ### Core Specifications Below are the primary electronic characteristics and ratings for the M2TG-53-R: | Feature | Specification | | :--- | :--- | | **Contact Form** | DPDT (2 Form C) | | **Frequency Range** | DC to 3 GHz | | **Coil Voltage** | 5 VDC (Standard) | | **Switching Power** | Up to 10W (RF), 30W (DC) | | **Impedance** | 50 Ohms | | **Life Expectancy** | ~5 x 10⁶ cycles (Mechanical) | --- ### Key Electronic Components and Design The "Electronic Parts" of this device can be broken down into three functional sections: #### 1. The Actuator (Coil System) * **Electromagnet:** The heart of the relay, consisting of a copper wire coil wrapped around a soft iron core. When 5V is applied, it creates a magnetic field. * **Power Efficiency:** These relays are often designed with low power consumption coils to minimize heat dissipation on densely packed PCBs. #### 2. The Contact System * **Material:** Typically utilizes gold-plated contacts. Gold is used for its excellent conductivity and resistance to oxidation, which is critical for maintaining signal integrity at low signal levels. * **Wiping Action:** The internal mechanism is designed for a "wiping" action to clear any microscopic debris or film during every switch cycle. #### 3. RF Shielding and Housing * **Metal Casing:** The "R" suffix often denotes a specific packaging style or RoHS compliance. The metal housing acts as a Faraday cage to minimize electromagnetic interference (EMI) and crosstalk between channels. * **Signal Path Isolation:** The internal geometry is precision-engineered to maintain a constant 50-ohm impedance, minimizing insertion loss and return loss at high frequencies. --- ### Application Usage The M2TG-53-R is primarily integrated into: 1. **RF Matrix Switches:** Used to route signals between multiple inputs and outputs. 2. **Signal Conditioning:** Switching between different filters or amplifiers in a signal chain. 3. **Oscilloscopes/Analyzers:** Front-end input switching for laboratory-grade measurement tools.
    ✨ Follow-up Questions
    • ⤷ What are the specific insertion loss values at 3 GHz for this model?
    • ⤷ Can this relay be driven directly by a microcontroller GPIO pin?
    • ⤷ What is the typical switching speed/bounce time for the M2TG series?