Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2TS-0A-R2/CE

  • AI
    The **M2TS-0A-R2/CE** is a high-precision, industrial-grade **Two-Axis Inclinometer (Tilt Sensor)** manufactured by Level-Develop (or associated industrial sensing brands). It is designed to measure the angular deviation of an object relative to gravity on two axes (X and Y). --- ## 1. Technical Specifications The "electronic parts" of this sensor are integrated into a compact, ruggedized housing. Below are the primary technical parameters: | Feature | Specification | | :--- | :--- | | **Measurement Axes** | Dual Axis (X and Y) | | **Measuring Range** | Typically ±10° to ±30° (Model dependent) | | **Resolution** | 0.01° | | **Accuracy** | ±0.05° to ±0.1° (at room temperature) | | **Output Interface** | RS232 / RS485 (Digital) or Analog (Voltage/Current) | | **Supply Voltage** | 9V - 36V DC | | **Operating Temp** | -40°C to +85°C | | **Protection Rating** | IP67 (Waterproof/Dustproof) | --- ## 2. Core Electronic Components The internal architecture of the M2TS series generally consists of three main electronic stages: ### A. MEMS Sensing Element The heart of the device is a **Micro-Electro-Mechanical System (MEMS)** capacitive sensing chip. * It consists of a suspended mass between capacitive plates. * As the device tilts, gravity moves the mass, changing the capacitance. * The internal ASIC converts this change into a raw voltage signal. ### B. Signal Processing (MCU) The unit contains an onboard **Microcontroller** that performs several critical tasks: * **Filtering:** Removes high-frequency noise and mechanical vibrations using digital low-pass filters. * **Temperature Compensation:** Uses an internal temperature sensor to correct "drift" caused by thermal expansion/contraction of the MEMS element. * **Linearization:** Converts the non-linear capacitive output into a linear angular degree. ### C. Communication Interface The "R2" in the part number often signifies the communication protocol (commonly **RS232**). * **Transceivers:** Chips that convert the MCU's TTL logic into industrial signal levels (RS232/485). * **Protection:** Includes Transient Voltage Suppressors (TVS) to protect the electronics from power surges in industrial environments. --- ## 3. Wiring and Pinout (Standard) The device usually utilizes a multi-core shielded cable. While you should check your specific manual, the standard color coding is: | Color | Function | Description | | :--- | :--- | :--- | | **Red** | VCC | Power Supply (9-36V) | | **Black** | GND | Ground | | **Green** | RXD / A | Receive Data (RS232) / RS485+ | | **Yellow** | TXD / B | Transmit Data (RS232) / RS485- | --- ## 4. Common Applications * **Construction Machinery:** Leveling of cranes and aerial platforms. * **Solar Tracking:** Aligning photovoltaic panels with the sun. * **Bridge Monitoring:** Measuring structural deformation or tilt over time. * **Industrial Automation:** Precision leveling of CNC or medical equipment.
    ✨ Follow-up Questions
    • ⤷ What is the specific communication protocol for the R2 version of this sensor?
    • ⤷ How do I calibrate the zero-point on the M2TS-0A-R2?
    • ⤷ Is there an analog version of this sensor available?