Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2TS-2A-R

  • AI
    The **M2TS-2A-R** is a specific electronic component belonging to the category of **High-Frequency (RF) Surface Mount Coaxial Connectors**. It is part of the M2TS series, which is designed to provide high-density, high-performance connections in compact electronic devices. --- ### 1. General Specifications The M2TS-2A-R is primarily used for RF signal transmission within miniature assemblies. Its design focuses on maintaining signal integrity while minimizing the footprint on a Printed Circuit Board (PCB). | Property | Description | | :--- | :--- | | **Component Type** | RF Coaxial Connector / Receptacle | | **Mounting Type** | Surface Mount (SMT) | | **Gender** | Male (Plug/Receptacle depending on mated pair) | | **Orientation** | Straight / Vertical | | **Impedance** | Typically 50 Ohms | | **Packaging** | Tape & Reel (indicated by the "-R" suffix) | --- ### 2. Key Features * **Miniaturization:** Designed for applications where space is at a premium, such as smartphones, tablets, and IoT modules. * **High-Frequency Performance:** Capable of handling frequencies often ranging from DC up to 6 GHz, making it suitable for Wi-Fi, Bluetooth, and cellular signals. * **Automated Assembly:** The "Tape & Reel" packaging allows for high-speed pick-and-place machine compatibility during the PCB manufacturing process. * **Low Profile:** The height of the connector is kept minimal to allow for thinner device profiles. --- ### 3. Structural Components The part is constructed using high-quality materials to ensure conductivity and durability: 1. **Center Contact:** Usually gold-plated copper alloy to ensure low contact resistance and prevent oxidation. 2. **Insulator:** High-performance engineering plastic (like LCP) that can withstand the heat of lead-free reflow soldering. 3. **Outer Shell/Ground:** Provides shielding against Electromagnetic Interference (EMI) and ensures a stable ground connection to the PCB. --- ### 4. Typical Applications The M2TS-2A-R is commonly found in the following sectors: * **Telecommunications:** Internal antenna connections in mobile phones. * **Consumer Electronics:** Laptop Wi-Fi modules and GPS units. * **Industrial IoT:** Compact sensor nodes requiring external antenna connectivity. * **Automotive:** Infotainment systems and telematics control units.
    ✨ Follow-up Questions
    • ⤷ What is the maximum frequency range supported by the M2TS series?
    • ⤷ How does the SMT mounting process for this connector differ from through-hole parts?
    • ⤷ Which mating cable series is compatible with the M2TS-2A-R?