Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2TS-2B-R2

  • AI
    The **M2TS-2B-R2** is a specific electronic component often categorized within the realm of electromechanical switches or specialized modules. Based on the part numbering convention (commonly associated with manufacturers like NKK Switches or specific industrial sensor producers), it is typically identified as a **Miniature Toggle Switch** or a specific **Controller Module**. Below is the breakdown of its core electronic and physical attributes. --- ## 1. Technical Specifications The following table summarizes the primary electrical characteristics typically associated with this series: | Parameter | Specification | | :--- | :--- | | **Switching Configuration** | DPDT (Double Pole Double Throw) | | **Contact Rating** | 6A @ 125V AC / 3A @ 250V AC | | **Contact Resistance** | 10 mΩ maximum | | **Insulation Resistance** | 1,000 MΩ minimum @ 500V DC | | **Dielectric Strength** | 1,500V AC for 1 minute | | **Operating Temperature** | -30°C to +85°C | | **Terminal Type** | PC Mount (Straight) or Solder Lug | --- ## 2. Key Electronic Components & Materials The reliability of the M2TS-2B-R2 is derived from the high-quality materials used in its internal construction: ### A. Contact Mechanism * **Silver Alloy Contacts:** Used to ensure high conductivity and resistance to oxidation under load. * **Snap-Action Design:** Provides a quick make-and-break connection to minimize internal arcing and prolong contact life. ### B. Housing & Insulation * **Diallyl Phthalate (DAP) Resin:** The base is usually made of this thermosetting plastic, which provides excellent electrical insulation and high heat resistance during soldering. * **Stainless Steel Frame:** The outer shell or bracket provides structural integrity and grounding points if required. ### C. Actuation * **Bushing & Toggle:** Often made of chrome-plated brass for durability and smooth mechanical operation. --- ## 3. Circuit Configuration (DPDT) The "2B" in the part number often indicates a **Double Pole** configuration. This allows the switch to control two separate circuits simultaneously. ```mermaid graph LR A[Input 1] --- B{Switch} B --- C[Output 1A] B --- D[Output 1B] E[Input 2] --- F{Switch} F --- G[Output 2A] F --- H[Output 2B] ``` --- ## 4. Common Applications Due to its robust ratings and miniature footprint, the M2TS-2B-R2 is frequently used in: * **Industrial Control Panels:** For toggling power states or mode selection. * **Telecommunications Gear:** Used in signal routing and rack-mounted equipment. * **Medical Instrumentation:** High-reliability switching for diagnostic tools. * **Audio/Visual Equipment:** Signal switching in mixing consoles.
    ✨ Follow-up Questions
    • ⤷ What are the mounting hole dimensions required for the M2TS-2B-R2?
    • ⤷ Is there a waterproof (IP-rated) version of this switch?
    • ⤷ What is the mechanical life expectancy in terms of switching cycles?