Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2TS-42-R2/N

  • AI
    ## Analysis of M2TS-42-R2/N Electronic Component The **M2TS-42-R2/N** is a specific technical configuration of a high-performance **Miniature Slide Switch**, typically manufactured by companies like **Copals Electronics (Nidec)**. These switches are designed for PCB mounting where space is limited and high reliability is required. --- ### 1. Technical Specifications The part number follows a specific nomenclature. Below are the typical technical parameters for this series: | Parameter | Specification | | :--- | :--- | | **Switch Function** | DPDT (Double Pole Double Throw) | | **Number of Positions** | 2-Position (On-On) | | **Mounting Type** | Through-Hole (PC Terminals) | | **Terminal Pitch** | 2.54mm (0.1 inch) - Standard Breadboard compatible | | **Contact Material** | Gold Plated over Nickel (indicated by "R") | | **Current Rating** | Logic Level (typically 0.4VA max @ 28V AC/DC) | | **Operating Temp** | -25°C to +70°C | --- ### 2. Breakdown of the Part Number The alphanumeric code identifies the physical and electrical characteristics of the switch: * **M2TS**: Series identifier (Miniature Slide Switch, Toggle-style movement). * **42**: Refers to the poles and positions (Double Pole, 2-Positions). * **R2**: Refers to the contact plating. "R" stands for Gold (Au), providing high corrosion resistance and reliable switching for low-power signals. * **N**: Represents the actuator or terminal style (Standard/Vertical). --- ### 3. Key Electronic Features * **Twin-Contact Mechanism**: Features a self-cleaning contact design that ensures high reliability even in environments with some dust or oxidation. * **Gold Contacts**: Unlike silver-plated switches, the gold plating prevents the formation of a "sulfide film," making it ideal for "dry circuits" (logic levels where current and voltage are too low to break through oxidation). * **Process Sealed**: Many models in this series are washable, meaning they can withstand automated wave soldering and cleaning processes without internal contamination. --- ### 4. Common Applications Due to its small footprint and gold-plated reliability, this component is commonly found in: 1. **DIP Configuration Replacement**: Used for manual setting of modes on a PCB. 2. **Handheld Devices**: Power on/off or mode selection for portable medical or test equipment. 3. **Industrial Controls**: Logic-level switching for PLC inputs. 4. **Audio/Video Equipment**: Signal routing where low contact resistance is critical to prevent noise. ---
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions or footprint of the M2TS-42-R2/N for PCB layout?
    • ⤷ Can this switch be used for high-voltage power applications?
    • ⤷ How does the 'N' suffix specifically change the terminal configuration compared to other models?