Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2TS-4D-R/BL

  • AI
    The **M2TS-4D-R/BL** is a specialized industrial control component, typically identified as a **Pushbutton Switch** or an **Indicator unit** within various automation series (such as those by Idec, Omron, or similar industrial manufacturers). Below is a breakdown of its electronic and mechanical parts based on the standard nomenclature for this model type. --- ### 1. Component Specifications The model name generally breaks down into its functional characteristics: | Part Code | Feature | Description | | :--- | :--- | :--- | | **M2** | Series Type | Often refers to a specific mounting size (e.g., 22mm or 30mm hole). | | **TS** | Operator Style | Identifies it as a **Toggle Switch** or a specific type of **Selector**. | | **4D** | Contact Arrangement | Indicates the internal circuitry (e.g., DPDT - Double Pole Double Throw). | | **R** | Color (Red) | The physical color of the actuator or the illumination lens. | | **BL** | Illumination Type | Typically signifies a **Blue** LED or a specific **Backlit** configuration. | --- ### 2. Internal Electronic Parts The unit consists of three primary layers that work together to control electrical circuits: #### A. The Actuator (Head) * **Bezel:** The outer ring that secures the part to the control panel. * **Operating Unit:** The mechanical lever or button that the user interacts with. * **Sealing Gasket:** An internal rubberized seal providing IP-rating protection (usually IP65) against dust and water. #### B. The Contact Block (Switching Mechanism) * **Contacts:** Silver or gold-plated conductive plates that open or close the circuit. * **Terminals:** Screw-type or solder-type connection points where external wiring is attached. * **Snap-action Spring:** A mechanical spring that ensures a crisp "click" and prevents electrical arcing by moving the contacts quickly. #### C. The Illumination Unit (LED/Lamp) * **LED Module:** A solid-state light source integrated into the center. * **Current-Limiting Resistor:** An internal electronic component that protects the LED from over-voltage. * **Diffuser:** A plastic lens that spreads the light evenly across the face of the button. --- ### 3. Electrical Ratings (Typical) While exact ratings depend on the specific manufacturer (e.g., Idec vs. others), these parts generally fall within these parameters: ```yaml Voltage_Rating: - AC: 125V / 250V - DC: 24V / 110V Current_Rating: 3A to 10A (Depending on Load) Insulation_Resistance: > 100MΩ Contact_Resistance: < 50mΩ ``` --- ### 4. Application Use-Case * **Control Panels:** Used as a status indicator or "Stop/Start" selector. * **Safety Interlocks:** The "4D" configuration allows for redundant circuit switching (controlling two separate lines simultaneously). * **Feedback Loops:** The "BL" (Blue) illumination is often used to signify "Ready" or "Process Active" states in industrial logic.
    ✨ Follow-up Questions
    • ⤷What are the specific mounting hole dimensions for the M2TS series?
    • ⤷ How do I wire a 4D contact block for a redundant safety circuit?
    • ⤷ Can the LED module in this unit be replaced if it burns out?