Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2TS-60-R2

  • AI
    The **M2TS-60-R2** is a high-performance, industrial-grade **Solid State Drive (SSD)** manufactured by Apacer. It is specifically designed for embedded systems, industrial automation, and server applications where reliability and endurance are critical. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2260 (60mm length) | | **Interface** | SATA III (6.0 Gbps) | | **NAND Flash Type** | MLC (Multi-Level Cell) | | **Capacity Options** | 32GB to 256GB (typical range) | | **Connector Type** | B & M Key | | **Operating Voltage** | 3.3V ± 5% | --- ### 2. Core Electronic Components The "Electronic Parts" of this drive consist of several integrated circuits (ICs) and surface-mount devices (SMDs) that work together to manage data: #### A. SSD Controller The "brain" of the device. It handles data addressing, error correction (ECC), and wear leveling. It translates SATA commands into instructions for the NAND flash. #### B. MLC NAND Flash The non-volatile memory chips. * **MLC Technology:** Stores 2 bits per cell, offering a balance between the high endurance of SLC and the high density of TLC. * **Durability:** Suitable for write-intensive industrial workloads. #### C. Power Management IC (PMIC) Regulates the 3.3V input to the lower voltages required by the controller and NAND chips. It often includes capacitors to protect against minor voltage ripples. #### D. Connectivity Interface The M.2 gold fingers (B & M Keyed) provide the physical and electrical path for data (SATA lanes) and power. --- ### 3. Advanced Features * **Global Wear Leveling:** Ensures that data is written evenly across all flash blocks to prevent specific cells from wearing out prematurely. * **S.M.A.R.T. Support:** Provides telemetry data regarding the drive's health, temperature, and remaining life. * **TRIM Command:** Optimizes the deletion process to maintain write speeds over time. * **Error Correction (ECC):** Uses advanced algorithms (like BCH or LDPC) to detect and fix data bit errors that occur during high-speed transfers. --- ### 4. Environmental & Reliability Ratings | Parameter | Rating | | :--- | :--- | | **Operating Temp (Standard)** | 0°C to 70°C | | **Operating Temp (Wide)** | -40°C to 85°C (Optional) | | **MTBF** | >2,000,000 hours | | **Shock/Vibration** | Industrial grade (MIL-STD-810G compliant) |
    ✨ Follow-up Questions
    • ⤷ What is the difference between M.2 2260 and M.2 2280 form factors?
    • ⤷ How does MLC NAND compare to TLC in terms of lifespan?
    • ⤷ Does the M2TS-60-R2 support hardware encryption?