Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2TS-60-R2/CE

  • AI
    The **M2TS-60-R2/CE** is a high-performance **Magnetic Field Sensor (Magnetoresistive)** primarily used in industrial automation for cylinder position sensing. It belongs to the M2TS series, often associated with brands like **Aignep** or similar pneumatic component manufacturers. --- ### 1. Core Technical Specifications The following table summarizes the key electronic characteristics of the M2TS-60-R2/CE: | Parameter | Specification | | :--- | :--- | | **Sensor Type** | Magnetoresistive (Solid State) | | **Switching Output** | PNP (Normally Open - NO) | | **Operating Voltage** | 10 - 30 V DC | | **Max Switching Current** | 100 mA | | **Voltage Drop** | $\leq$ 2.5 V | | **Switching Frequency** | 1000 Hz | | **Connection Type** | M8 Circular Connector (3-pin) | | **Protection Class** | IP67 (Dust tight, waterproof) | --- ### 2. Electronic Component Breakdown #### A. Magnetoresistive Element Unlike a traditional Reed switch (which uses physical moving contacts), the **R2/CE** utilizes a solid-state magnetoresistive element. - **Benefit:** No mechanical wear, extremely long life cycle, and resistance to high vibrations. - **Sensitivity:** It detects the magnetic field of a piston magnet within a pneumatic cylinder with high precision. #### B. PNP Logic Configuration The "PNP" designation means the sensor acts as a "Sourcing" switch. - When the magnetic field is detected, the sensor connects the **Load** to the **Positive** rail (+V). - This is the standard configuration for most European (CE) industrial PLC inputs. #### C. LED Indicator The unit typically features an integrated yellow or green LED. - **Function:** Provides visual feedback of the switching status, simplifying alignment during installation. #### D. Protection Circuitry The internal electronics include: - **Reverse Polarity Protection:** Prevents damage if the + and - wires are swapped. - **Short-circuit Protection:** Protects the internal transistor if the output is grounded. --- ### 3. Wiring Diagram (M8 Connector) The M2TS-60-R2/CE uses a standard M8 3-pin assignment: ```text Pin 1: Brown (+) --> +10...30V DC Pin 3: Blue (-) --> 0V (GND) Pin 4: Black (Out)--> Load / PLC Input ``` --- ### 4. Application Context The "CE" suffix confirms compliance with European health, safety, and environmental protection standards. This sensor is specifically designed for **T-Slot** cylinders. Its electronic design ensures it is immune to electromagnetic interference (EMI) often found in factory environments near motors or welders.
    ✨ Follow-up Questions
    • ⤷ What is the difference between this solid-state sensor and a Reed switch version?
    • ⤷ How do I wire this sensor to a NPN-logic PLC?
    • ⤷ What are the mounting torque specifications for the T-slot screw?