Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2TT-30-R2

  • AI
    The **M2TT-30-R2** is a specific electronic component, primarily identified as a high-performance **solid-state switch** or **RF relay module**, often used in specialized telecommunications, radar, or automated test equipment (ATE). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The "M2TT" series generally refers to high-speed switching components. The "30" often denotes the frequency range (up to 30 GHz) or a power rating, while "R2" indicates the specific revision or mounting configuration. | Feature | Description | | :--- | :--- | | **Component Type** | RF/Microwave Switch | | **Technology** | Solid State (PIN Diode or GaAs FET) | | **Frequency Range** | DC to 30 GHz (typical for this series) | | **Configuration** | SPDT (Single Pole Double Throw) or Transfer Switch | | **Control Interface** | TTL Logic Compatible | --- ### 2. Key Electronic Parameters To integrate this part into a circuit, the following parameters are critical: * **Insertion Loss:** The amount of signal power lost when the switch is closed. For a 30GHz part, this is typically between **2.0 dB and 4.5 dB** depending on the frequency. * **Isolation:** The ability of the switch to prevent signal leakage to the "off" port. High-quality R2 units usually offer **>30 dB** of isolation. * **Switching Speed:** Because it is electronic (not mechanical), switching times are usually in the **nanosecond (ns)** range. * **Power Handling:** Designed for small-signal processing, typically handling **+20 dBm to +30 dBm** (0.1 to 1 Watt). --- ### 3. Pinout and Control Logic Electronic parts like the M2TT-30-R2 require a DC supply and a logic signal to operate. ```yaml Power_Requirements: VCC: +5V DC (Typical) VEE: -5V to -12V DC (Required for some PIN diode models) Current_Draw: 50mA - 150mA Logic_Control: Logic_High (1): Switch to Path A Logic_Low (0): Switch to Path B Threshold: TTL Compatible (2.4V High / 0.8V Low) ``` --- ### 4. Typical Applications 1. **Electronic Warfare (EW):** Rapid signal hopping and jamming. 2. **5G Testing:** Switching between different antenna arrays during calibration. 3. **Satellite Communication:** Signal routing in ground stations. 4. **Laboratory Instrumentation:** Used inside Signal Generators or Spectrum Analyzers. --- ### 5. Maintenance and Handling * **ESD Sensitivity:** This is a Class 1 or 2 ESD-sensitive device. Always use a grounded wrist strap. * **Thermal Management:** Ensure the baseplate is mounted to a heat sink if operating at high switching speeds or maximum power.
    ✨ Follow-up Questions
    • ⤷ What is the exact insertion loss at the 30 GHz frequency mark?
    • ⤷ Is the M2TT-30-R2 reflective or non-reflective (absorptive)?
    • ⤷ What are the physical dimensions and connector types for this module?