Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2TT-36-R2

  • AI
    The **M2TT-36-R2** is a specialized electronic component primarily categorized as a **Surface Mount (SMT) Micro-Coaxial Connector** or a high-frequency switching connector. These are commonly used in RF (Radio Frequency) applications for signal routing and testing. --- ### 1. Technical Specifications The following table outlines the key electronic and physical characteristics typical for this series: | Parameter | Specification | | :--- | :--- | | **Component Type** | RF Coaxial Connector / Switch | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Impedance** | 50 Ohms (Standard) | | **Frequency Range** | DC to 6 GHz (Typical) | | **Voltage Rating** | 250V AC (rms) | | **Contact Resistance** | 20 mΩ Max | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Key Electronic Features #### A. Signal Switching Capability The "TT" in the series often refers to a **Switching Connector**. When no plug is inserted, the internal circuit remains closed (allowing the internal signal to pass through). When a probe or mating cable is inserted, the internal connection breaks, and the signal is diverted to the external device. This is essential for: * Diagnostic testing. * Bypassing internal antennas during factory calibration. #### B. High-Frequency Integrity Designed to handle microwave frequencies (up to 6GHz), the part maintains low **VSWR (Voltage Standing Wave Ratio)** and minimal **Insertion Loss**. This ensures that the digital or analog signal passing through does not suffer from significant reflection or degradation. #### C. Miniature Footprint The "36" designation usually relates to the physical height or specific profile of the connector. These parts are engineered for high-density PCBs (Printed Circuit Boards) found in modern mobile electronics where space is at a premium. --- ### 3. Common Applications * **Mobile Devices:** Smartphones and tablets for cellular/Wi-Fi signal testing. * **IoT Modules:** Connecting external antennas to compact wireless modules. * **Automotive Electronics:** Infotainment systems and GPS modules. * **Telecommunications:** Base station hardware and RF routing. --- ### 4. Footprint and Mounting The **R2** suffix typically denotes the packaging format, usually **Tape and Reel (T&R)**, which is standard for automated "Pick and Place" assembly machines in high-volume manufacturing. ---
    ✨ Follow-up Questions
    • ⤷ What is the mating cycle durability for the M2TT-36-R2?
    • ⤷ How does the switching mechanism function when a probe is inserted?
    • ⤷ What are the recommended PCB land pattern dimensions for this part?