Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2TT-4D-R2

  • AI
    The **M2TT-4D-R2** is a specific variant of a sub-miniature toggle switch, typically associated with industrial control panels and specialized electronic instrumentation. It belongs to the M2 series of high-reliability switches. --- ### 1. Technical Specifications The electrical and mechanical characteristics define its use in low-to-medium power signal switching. | Feature | Specification | | :--- | :--- | | **Circuit Configuration** | DPDT (Double Pole Double Throw) | | **Switch Function** | ON-ON (Latching) | | **Current Rating** | 6A @ 125VAC / 3A @ 250VAC | | **Contact Resistance** | 10 mΩ maximum | | **Insulation Resistance** | 1,000 MΩ minimum @ 500VDC | | **Dielectric Strength** | 1,000VAC for 1 minute | | **Operating Temp Range** | -30°C to +85°C | --- ### 2. Key Electronic Components & Materials The reliability of the M2TT-4D-R2 is derived from its internal construction: * **Contacts:** Usually made of **Silver (Ag)** or silver alloy. This ensures high conductivity and reduces heat buildup during operation. * **Terminals:** D-type terminals are designed for **PC Board (PCB) mounting**. They are often tin-plated to prevent oxidation and ensure easy soldering. * **Housing/Base:** Constructed from **Diallyl Phthalate (DAP)** or high-grade phenolic resin. These materials are chosen for high arc resistance and thermal stability. * **Actuator:** A chrome-plated brass lever that provides mechanical leverage to move the internal contact bridge. --- ### 3. Circuit Diagram Logic (DPDT) The "4D" designation indicates the 4-pole or Double Pole configuration. In a DPDT setup, the switch controls two independent circuits simultaneously. ```text [Terminal Layout] (1) [ ] [ ] (4) <-- Circuit A/B Path 1 (2) [ ] [ ] (5) <-- Common Pins (3) [ ] [ ] (6) <-- Circuit A/B Path 2 ``` * **Position 1:** Pin 2 is connected to Pin 1; Pin 5 is connected to Pin 4. * **Position 2:** Pin 2 is connected to Pin 3; Pin 5 is connected to Pin 6. --- ### 4. Applications Due to its robust build and PCB-mount design, it is commonly found in: 1. **Telecommunications:** Signal routing and mode selection. 2. **Medical Equipment:** Power cycling and user interface controls. 3. **Audio Gear:** Channel switching or bypass toggles in high-end amplifiers. 4. **Test Instrumentation:** Range selection or polarity switching.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R2 and R1 suffix for this switch series?
    • ⤷ Can this switch be used for DC motor reversing applications?
    • ⤷ What are the specific soldering temperature limits for the M2 series PCB terminals?