Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2TT-4E-R2

  • AI
    The **M2TT-4E-R2** is a specialized electronic component typically used in high-frequency RF (Radio Frequency) and microwave applications. It belongs to a family of **Double-Balanced Mixers** or **Transformers**, often manufactured by companies like Mini-Circuits (though "M2TT" can sometimes refer to specific custom OEM variations). --- ### 1. Technical Specifications Overview Below is a breakdown of the typical electronic characteristics for this series: | Parameter | Typical Value / Range | | :--- | :--- | | **Component Type** | RF Transformer / Double Balanced Mixer | | **Frequency Range** | 0.5 MHz to 1000 MHz (Varies by sub-model) | | **Impedance Ratio** | 4:1 (Common for the '4E' designation) | | **Termination** | Surface Mount (SMD) | | **Operating Temp** | -40°C to +85°C | | **Configuration** | Case Style TT167 or similar | --- ### 2. Key Electronic Functions The M2TT-4E-R2 performs several critical roles in a circuit: * **Impedance Matching:** The "4E" often denotes a 4:1 impedance ratio. This allows the component to match a 50-ohm system to a 200-ohm load, or vice versa, minimizing signal reflection and power loss. * **Signal Isolation:** As a transformer-based part, it provides galvanic isolation between different stages of an RF front-end. * **Balanced-to-Unbalanced Conversion (Balun):** It converts unbalanced signals (like those from a coaxial cable) into balanced signals (required for differential inputs in modern ADCs or amplifiers). * **Low Insertion Loss:** Engineered to ensure that very little signal strength is lost as the frequency passes through the component. --- ### 3. Physical & Material Composition * **Core Material:** Usually utilizes a **Ferrite Toroid** core to handle high-frequency magnetic flux efficiently. * **Lead Finish:** RoHS compliant (usually Matte Tin or Gold plating depending on the specific revision). * **Packaging:** Supplied in Tape and Reel (`-R2` often indicates the reel size or packaging quantity/type). --- ### 4. Common Applications 1. **Communications Equipment:** Used in cellular base stations and VHF/UHF radio systems. 2. **CATV/Broadband:** Signal distribution and impedance matching in cable television hardware. 3. **Test Instrumentation:** Integrated into signal generators and spectrum analyzers to maintain signal integrity.
    ✨ Follow-up Questions
    • ⤷ What is the specific insertion loss rating for the M2TT-4E-R2 at 500 MHz?
    • ⤷ Can this component be used in power amplifier stages
    • ⤷ or is it strictly for small signals?
    • ⤷ How does the 4:1 impedance ratio affect the voltage transformation in this circuit?