Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2TT-5D-R

  • AI
    The **M2TT-5D-R** is a specific type of **Solid State Relay (SSR)**, typically associated with the M2 series. These components are designed to switch electrical loads without using moving parts, offering high reliability and fast switching speeds compared to traditional mechanical relays. --- ### Technical Specifications The part number follows a specific nomenclature that defines its electrical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Input Voltage (Control)** | 5V DC | The voltage required to trigger the relay. | | **Output Type** | DC (Transistor/MOSFET) | Designed to switch Direct Current loads. | | **Mounting Type** | PCB Mount | Designed for through-hole soldering on circuit boards. | | **Isolation** | Opto-isolation | Uses light to separate control and load circuits for safety. | | **Response Time** | High-speed | Nanosecond to microsecond switching ranges. | --- ### Key Internal Components The M2TT-5D-R functions through a series of integrated electronic stages: 1. **Input LED (Control Side):** When 5V is applied to the input pins, an internal Infrared LED lights up. This serves as the "gate" signal. 2. **Photodetector:** A photosensitive component (usually a phototransistor) captures the light from the LED. This provides **galvanic isolation**, ensuring that high voltage on the load side cannot leak back into the 5V control logic (like an Arduino or PLC). 3. **Switching Element:** Unlike mechanical relays that use copper contacts, this uses a **MOSFET or Bipolar Transistor**. When the photodetector is triggered, it allows current to flow between the output terminals. 4. **Reverse Protection:** Usually includes an internal diode to protect the input stage from reverse polarity. --- ### Advantages vs. Mechanical Relays * **Silent Operation:** No audible "click" during switching. * **Longevity:** No physical contacts to wear out or spark (no arcing). * **Speed:** Can handle Pulse Width Modulation (PWM) for dimming or motor speed control. * **Compact Size:** The "M2" form factor is significantly smaller than electromagnetic alternatives. --- ### Typical Applications * **PLC Interfacing:** Bridging low-power controller outputs to higher power peripherals. * **Signal Switching:** High-speed data or pulse routing. * **Medical Equipment:** Where silent operation and high reliability are critical. * **Automation:** Controlling small DC motors, solenoids, or LED strips.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the M2TT-5D-R output?
    • ⤷ Does this relay require an external heatsink for continuous operation?
    • ⤷ How do I wire a flyback diode when using this with an inductive load?