Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2TT-82-R2

  • AI
    The **M2TT-82-R2** is a high-performance, double-balanced mixer module typically utilized in RF (Radio Frequency) and microwave applications. It is designed to convert signals from one frequency to another (up-conversion or down-conversion) while maintaining high isolation and low conversion loss. --- ### 1. Key Technical Specifications The performance of the M2TT-82-R2 is defined by its ability to handle high-frequency signals with precision. | Parameter | typical Value/Range | | :--- | :--- | | **Frequency Range (RF/LO)** | 2.0 GHz to 8.0 GHz | | **Frequency Range (IF)** | DC to 1.0 GHz | | **Conversion Loss** | ~6.5 dB to 8.0 dB | | **LO Drive Level** | +7 dBm to +10 dBm (Standard) | | **Isolation (LO-RF)** | >30 dB | | **Package Type** | Surface Mount or Plug-in (Case Style V37) | --- ### 2. Internal Electronic Architecture The "Double-Balanced" architecture of the M2TT-82-R2 involves several critical electronic components working in tandem: #### A. Schottky Diode Quad At the heart of the mixer is a ring of four matched **Schottky barrier diodes**. * **Function:** These act as the switching elements. Because they are matched, they ensure that the LO (Local Oscillator) signal is canceled out at the RF and IF ports, leading to high isolation. #### B. Balun Transformers The module contains two wideband ferrite-core transformers (Baluns). * **LO Balun:** Converts the single-ended LO input into a differential signal to drive the diode ring. * **RF Balun:** Receives the RF signal and distributes it across the diode bridge. * **Purpose:** These transformers are essential for phase shifting and ensuring the "balance" that suppresses unwanted intermodulation products. --- ### 3. Connection Ports The device features three primary signal pins/ports: 1. **LO (Local Oscillator):** The "power" input that switches the diodes on and off at a specific frequency. 2. **RF (Radio Frequency):** The high-frequency input (in down-conversion) or output (in up-conversion). 3. **IF (Intermediate Frequency):** The low-frequency result of the mixing process ($f_{IF} = |f_{LO} - f_{RF}|$). --- ### 4. Typical Applications Because of its wide bandwidth and reliability, the M2TT-82-R2 is commonly found in: * **Electronic Warfare (EW) Systems:** For signal interception and jamming. * **Radar Receivers:** To down-convert high-frequency echoes to manageable baseband frequencies. * **Test Equipment:** Spectrum analyzers and signal generators. ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of 'Double-Balanced' vs 'Single-Balanced' in this mixer?
    • ⤷ How does the LO drive level affect the conversion loss of the M2TT-82-R2?
    • ⤷ Can this component be used for both Up-conversion and Down-conversion?