Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2TT-85-R2

  • AI
    The **M2TT-85-R2** is a specialized electronic component, typically identified as a **high-precision, temperature-compensated crystal oscillator (TCXO)** or a specific RF filter module, depending on the manufacturer (commonly associated with Microchip/Vectron or specific RF parts). Below is a breakdown of its technical characteristics and electronic composition. --- ### 1. Core Technical Specifications The "M2TT" series generally refers to components designed for high-stability timing and frequency control. | Parameter | Typical Value / Range | Description | | :--- | :--- | :--- | | **Nominal Frequency** | Variable (often MHz range) | The center operating frequency. | | **Output Type** | CMOS / Sinewave | The waveform generated by the internal circuitry. | | **Supply Voltage** | 3.3V or 5.0V | Standard operating voltage for the active components. | | **Frequency Stability** | ±0.5 ppm to ±2.5 ppm | High resistance to temperature fluctuations. | | **Operating Temp** | -40°C to +85°C | Industrial grade temperature range. | --- ### 2. Electronic Architecture The internal "parts" of this device consist of several integrated sub-systems: #### A. The Quartz Resonator * **Function:** The "heart" of the component. It uses the piezoelectric effect to vibrate at a precise frequency. * **Material:** High-grade synthetic quartz, cut at specific angles (AT-cut) to minimize thermal drift. #### B. Temperature Compensation Circuit (The "TC" in TCXO) * **Varactor Diode:** A voltage-variable capacitor used to pull the crystal frequency. * **Thermistor Network:** Senses ambient temperature and adjusts the voltage to the varactor to counteract frequency drift caused by heat or cold. #### C. Output Buffer / Amplifier * **Function:** Ensures the signal is strong enough to drive a load (typically 15pF) and isolates the internal oscillator from external noise or impedance changes. --- ### 3. Application Areas Due to the "R2" designation (often implying a specific revision or RoHS compliance), this part is used where timing precision is critical: 1. **Telecommunications:** Base stations and small cells requiring tight synchronization. 2. **GPS/GNSS Receivers:** High stability is needed for fast satellite signal acquisition. 3. **Industrial IoT:** Reliable data transmission in environments with fluctuating temperatures. 4. **Networking:** Synchronous Ethernet and SONET/SDH timing. --- ### 4. Part Number Breakdown (General Pattern) * **M2:** Often denotes the package size (e.g., 5.0x3.2mm or 7.0x5.0mm). * **TT:** Indicates the product series (Temperature Compensated). * **85:** Usually refers to the upper temperature limit (+85°C). * **R2:** Revision 2 or Tape & Reel packaging code.
    ✨ Follow-up Questions
    • ⤷ What is the specific frequency of your M2TT-85-R2 unit?
    • ⤷ Do you need the pinout diagram for this specific package?
    • ⤷ Are you looking for an equivalent replacement for an obsolete part?