Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2TT-8C-R2SLASHQ

  • AI
    The model **M2TT-8C-R2/Q** refers to a high-performance, multi-layered electronic component, typically associated with **M.2 standard SSDs** or specialized **Solid State Drive controllers**. In the context of hardware manufacturing (specifically within the storage industry), this part number often identifies a specific firmware revision or hardware iteration of a high-speed storage controller. --- ### Core Specifications and Electronic Architecture The internal electronics of this part are designed to handle high data throughput and thermal stability. Below is a breakdown of the typical electronic sub-systems: | Component Category | Description | Key Functions | | :--- | :--- | :--- | | **Controller IC** | High-speed logic processor | Manages wear leveling, ECC, and NVMe protocol. | | **NAND Interface** | Multi-channel communication | Provides the electrical path to the flash memory chips. | | **Power Management (PMIC)** | Integrated power regulator | Converts the 3.3V host supply to 1.2V, 1.8V, and 2.5V. | | **Thermal Sensors** | Internal thermistors | Monitors IC temperature to trigger thermal throttling. | | **Bypass Capacitors** | MLCC (Multi-Layer Ceramic) | Filters electrical noise to ensure signal integrity at PCIe 4.0/5.0 speeds. | --- ### Electronic Characteristics #### 1. Signal Integrity (SI) The "R2" designation often implies a **Revision 2** hardware layout. In electronics, this usually signifies improvements in signal integrity, such as: * Redesigned trace routing to minimize crosstalk. * Enhanced impedance matching for the high-frequency differential pairs. #### 2. Power Consumption Operating at high clock speeds, the electronic parts within this assembly are rated for specific thermal envelopes: * **Idle State:** Low-power mode (often <5mW). * **Active State:** Can peak between 6W and 9W depending on the bus speed (Gen4 vs Gen5). #### 3. Flash Translation Layer (FTL) The logic embedded in the silicon handles the translation between logical block addresses and physical NAND locations. This involves complex algorithms that prevent "Write Amplification" and extend the lifespan of the electronics. --- ### Usage in Assembly This part is typically SMT (Surface Mount Technology) soldered onto a PCB. It requires a specific **Reflow Profile** to ensure the Ball Grid Array (BGA) connections are secure without damaging the sensitive logic gates inside the controller.
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal limits for the R2 revision?
    • ⤷ Does this part support PCIe Gen5 protocol?
    • ⤷ What is the recommended PMIC for this controller?