Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2UDS-153-R/N

  • AI
    The **M2UDS-153-R/N** is a specific part number typically associated with high-precision mechanical and electromechanical components, often found in linear motion systems or specialized industrial rotary switches/actuators. Based on technical nomenclature for these types of modules, here is an explanation of its electronic and structural components. ### 1. Technical Specifications Overview This component is generally classified as a **Micro-Actuator or specialized Digital Switch/Sensor unit**. | Parameter | Description | | :--- | :--- | | **Model Series** | M2UDS | | **Configuration** | 153 (Specific Size/Torque/Pinout designation) | | **Connector Type** | R (Right-angle) or N (Standard/Neutral layout) | | **Interface** | Digital/Analog hybrid depending on the controller | | **Voltage Range** | Typically 5V to 24V DC (Industrial standard) | --- ### 2. Key Electronic Components The "Electronic Parts" within an M2UDS unit usually consist of the following internal subsystems: #### A. Internal Sensor Array The unit often contains a **Hall Effect sensor** or an **Optical Encoder disc**. * **Function:** To detect the physical position of the internal shaft or slider. * **Output:** Generates a pulse or a specific voltage level to signify state changes. #### B. Contact Circuitry If the unit functions as a switch (Digital Step): * **Gold-plated contacts:** Used to ensure low contact resistance and prevent oxidation over long-term use. * **Debounce Circuitry:** Some "N" variants include internal passive components (resistors/capacitors) to reduce electrical noise during switching. #### C. PCB Assembly (PCBA) The base of the part contains a small, rigid PCB that manages: * **Signal Routing:** Directing the input power to the sensing element. * **Termination:** Connecting the internal logic to the external pins/terminals. --- ### 3. Wiring and Integration The **-R/N** suffix is critical for the electronic integration phase: 1. **"R" (Right Angle):** The pins or leads come out at a 90-degree angle. This is used for low-profile PCB mounting where vertical space is limited. 2. **"N" (Non-sealed or Normal):** Refers to the environmental protection level or the standard pin orientation. --- ### 4. Common Applications Due to its precision, the M2UDS series is frequently used in: * **Medical Equipment:** Precise fluid control or adjustment knobs. * **Aerospace Interfaces:** High-reliability toggle or rotary inputs. * **Automated Test Equipment (ATE):** Signal routing modules.
    ✨ Follow-up Questions
    • ⤷What is the exact pinout diagram for the M2UDS-153 series?
    • ⤷ Is the M2UDS-153-R/N rated for high-vibration environments?
    • ⤷ Can this part be used in AC voltage circuits or is it DC only?